Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F283 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74F283
Description  4-Bit Binary Full Adder with Fast Carry
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F283 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F283 Datasheet HTML 1Page - Fairchild Semiconductor 74F283 Datasheet HTML 2Page - Fairchild Semiconductor 74F283 Datasheet HTML 3Page - Fairchild Semiconductor 74F283 Datasheet HTML 4Page - Fairchild Semiconductor 74F283 Datasheet HTML 5Page - Fairchild Semiconductor 74F283 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009513
www.fairchildsemi.com
April 1988
Revised August 1999
74F283
4-Bit Binary Full Adder with Fast Carry
General Description
The 74F283 high-speed 4-bit binary full adder with internal
carry lookahead accepts two 4-bit binary words (A0–A3,
B0–B3) and a Carry input (C0). It generates the binary Sum
outputs (S0–S3) and the Carry output (C4) from the most
significant bit. The 74F283 will operate with either active
HIGH or active LOW operands (positive or negative logic).
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Unit Loading/Fan Out
Order Number
Package Number
Package Description
74F283SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
74F283SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F283PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW Output IOH/IOL
A0–A3
A Operand Inputs
1.0/2.0
20
µA/−1.2 mA
B0–B3
B Operand Inputs
1.0/2.0
20
µA/−1.2 mA
C0
Carry Input
1.0/1.0
20
µA/−0.6 mA
S0–S3
Sum Outputs
50/33.3
−1 mA/20 mA
C4
Carry Output
50/33.3
−1 mA/20 mA


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54LS83A 4-BIT BINARY FULL ADDER WITH FAST CARRY 1  2  3  Motorola, Inc
CD54AC283 4-Bit Binary Full Adder with Fast Carry 1  Intersil Corporation
HD74AC283 4-bit Binary Full Adder with Fast Carry 1  2  3  4  5  More Hitachi Semiconductor
HD74HC83 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More Hitachi Semiconductor
54283 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More National Semiconductor (TI)
74HC283N 4-bit binary full adder with fast carry 1  2  3  4  5  More NXP Semiconductors
SN54LS283 4-BIT BINARY FULL ADDER WITH FAST CARRY 1  2  3  4  Motorola, Inc
54ACT283 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More National Semiconductor (TI)
54F283DM 4-Bit Binary Full Adder with Fast Carry 1  2  3  4  5  More National Semiconductor (TI)
74HC283 4-bit binary full adder with fast carry 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn