Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY264P Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # TNY264P
Description  Enhanced, Energy Effi cient, Low Power Off-line Switcher
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY264P Datasheet(HTML) 4 Page - Power Integrations, Inc.

  TNY264P Datasheet HTML 1Page - Power Integrations, Inc. TNY264P Datasheet HTML 2Page - Power Integrations, Inc. TNY264P Datasheet HTML 3Page - Power Integrations, Inc. TNY264P Datasheet HTML 4Page - Power Integrations, Inc. TNY264P Datasheet HTML 5Page - Power Integrations, Inc. TNY264P Datasheet HTML 6Page - Power Integrations, Inc. TNY264P Datasheet HTML 7Page - Power Integrations, Inc. TNY264P Datasheet HTML 8Page - Power Integrations, Inc. TNY264P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Rev. H 02/09
4
TNY263-268
www.powerint.com
Figure 5.
TinySwitch-II Auto-Restart Operation.
0
1000
2000
Time (ms)
0
5
0
10
100
200
300
V
DRAIN
V
DC-OUTPUT
that cycle. The current limit state machine reduces the current
limit threshold by discrete amounts under medium and light
loads.
The leading edge blanking circuit inhibits the current limit
comparator for a short time (t
LEB) after the power MOSFET is
turned on. This leading edge blanking time has been set so
that current spikes caused by capacitance and secondary-
side rectifier reverse recovery time will not cause premature
termination of the switching pulse.
Auto-Restart
In the event of a fault condition such as output overload,
output short circuit, or an open loop condition, TinySwitch-II
enters into auto-restart operation. An internal counter clocked
by the oscillator gets reset every time the EN/UV pin is pulled
low. If the EN/UV pin is not pulled low for 50 ms, the power
MOSFET switching is normally disabled for 850 ms (except in
the case of line undervoltage condition, in which case it is
disabled until the condition is removed). The auto-restart
alternately enables and disables the switching of the power
MOSFET until the fault condition is removed. Figure 5
illustrates auto-restart circuit operation in the presence of an
output short circuit.
In the event of a line undervoltage condition, the switching of
the power MOSFET is disabled beyond its normal 850 ms time
until the line undervoltage condition ends.
Line Undervoltage Sense Circuit
The DC line voltage can be monitored by connecting an
external resistor from the DC line to the EN/UV pin. During
power-up or when the switching of the power MOSFET is
disabled in auto-restart, the current into the EN/UV pin must
exceed 49
μA to initiate switching of the power MOSFET.
During power-up, this is accomplished by holding the BYPASS
pin to 4.8 V while the line undervoltage condition exists. The
BYPASS pin then rises from 4.8 V to 5.8 V when the line
undervoltage condition goes away. When the switching of the
power MOSFET is disabled in auto-restart mode and a line
undervoltage condition exists, the auto-restart counter is
stopped. This stretches the disable time beyond its normal
850 ms until the line undervoltage condition ends.
The line undervoltage circuit also detects when there is no
external resistor connected to the EN/UV pin (less than
~2
μA into the pin). In this case the line undervoltage function
is disabled.
TinySwitch-II Operation
TinySwitch-II devices operate in the current limit mode. When
enabled, the oscillator turns the power MOSFET on at the
beginning of each cycle. The MOSFET is turned off when the
current ramps up to the current limit or when the DC
MAX limit is
reached. Since the highest current limit level and frequency of
a TinySwitch-II design are constant, the power delivered to the
load is proportional to the primary inductance of the transformer
and peak primary current squared. Hence, designing the supply
involves calculating the primary inductance of the transformer
for the maximum output power required. If the TinySwitch-II is
appropriately chosen for the power level, the current in the
calculated inductance will ramp up to current limit before the
DC
MAX limit is reached.
Enable Function
TinySwitch-II senses the EN/UV pin to determine whether or
not to proceed with the next switching cycle as described
earlier. The sequence of cycles is used to determine the
current limit. Once a cycle is started, it always completes the
cycle (even when the EN/UV pin changes state half way
through the cycle). This operation results in a power supply in
which the output voltage ripple is determined by the output
capacitor, amount of energy per switch cycle and the delay of
the feedback.
The EN/UV pin signal is generated on the secondary by
comparing the power supply output voltage with a reference
voltage. The EN/UV pin signal is high when the power supply
output voltage is less than the reference voltage.
In a typical implementation, the EN/UV pin is driven by an
optocoupler. The collector of the optocoupler transistor is
connected to the EN/UV pin and the emitter is connected to
the SOURCE pin. The optocoupler LED is connected in series
with a Zener diode across the DC output voltage to be
regulated. When the output voltage exceeds the target
regulation voltage level (optocoupler LED voltage drop plus
Zener voltage), the optocoupler LED will start to conduct,
pulling the EN/UV pin low. The Zener diode can be replaced
by a TL431 reference circuit for improved accuracy.
ON/OFF Operation with Current Limit State Machine
The internal clock of the TinySwitch-II runs all the time. At the
beginning of each clock cycle, it samples the EN/UV pin to
decide whether or not to implement a switch cycle, and based
on the sequence of samples over multiple cycles, it determines


Similar Part No. - TNY264P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264P POWERINT-TNY264P Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264P POWERINT-TNY264P Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264P POWERINT-TNY264P Datasheet
369Kb / 19P
   2.4W Battery Charger/Adapter
TNY264P POWERINT-TNY264P Datasheet
391Kb / 20P
   2.4W Cell Phone Charger
TNY264P POWERINT-TNY264P Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results

Similar Description - TNY264P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY267PN POWERINT-TNY267PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com