Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM50GX120DN2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSM50GX120DN2
Description  IGBT Power Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSM50GX120DN2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSM50GX120DN2 Datasheet HTML 1Page - Infineon Technologies AG BSM50GX120DN2 Datasheet HTML 2Page - Infineon Technologies AG BSM50GX120DN2 Datasheet HTML 3Page - Infineon Technologies AG BSM50GX120DN2 Datasheet HTML 4Page - Infineon Technologies AG BSM50GX120DN2 Datasheet HTML 5Page - Infineon Technologies AG BSM50GX120DN2 Datasheet HTML 6Page - Infineon Technologies AG BSM50GX120DN2 Datasheet HTML 7Page - Infineon Technologies AG BSM50GX120DN2 Datasheet HTML 8Page - Infineon Technologies AG BSM50GX120DN2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Oct-21-1997
BSM 50 GB 120 DN2
Typ. output characteristics
IC = f (VCE)
parameter: tp = 80 µs, Tj = 25 °C
0
1
2
3
V
5
V
CE
0
10
20
30
40
50
60
70
80
A
100
I
C
17V
15V
13V
11V
9V
7V
Typ. output characteristics
IC = f (VCE)
parameter: tp = 80 µs, Tj = 125 °C
0
1
2
3
V
5
V
CE
0
10
20
30
40
50
60
70
80
A
100
I
C
17V
15V
13V
11V
9V
7V
Typ. transfer characteristics
IC = f (VGE)
parameter: tp = 80 µs, VCE = 20 V
0
2
4
6
8
10
V
14
V
GE
0
10
20
30
40
50
60
70
80
A
100
I
C


Similar Part No. - BSM50GX120DN2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM50GAL100D SIEMENS-BSM50GAL100D Datasheet
339Kb / 8P
   IGBT MODULE
BSM50GAL120DN2 SIEMENS-BSM50GAL120DN2 Datasheet
62Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate)
logo
eupec GmbH
BSM50GAL120DN2 EUPEC-BSM50GAL120DN2 Datasheet
142Kb / 6P
   IGBT Power Module
logo
Siemens Semiconductor G...
BSM50GB100D SIEMENS-BSM50GB100D Datasheet
339Kb / 8P
   IGBT MODULE
logo
eupec GmbH
BSM50GB120DLC EUPEC-BSM50GB120DLC Datasheet
149Kb / 9P
   IGBT-Modules
More results

Similar Description - BSM50GX120DN2

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM75GB170DN2 EUPEC-BSM75GB170DN2 Datasheet
313Kb / 10P
   IGBT Power Module
BSM100GB120DN2K EUPEC-BSM100GB120DN2K Datasheet
313Kb / 10P
   IGBT Power Module
BSM200GA120DN2 EUPEC-BSM200GA120DN2 Datasheet
208Kb / 11P
   IGBT Power Module
BSM200GB120DN2 EUPEC-BSM200GB120DN2 Datasheet
180Kb / 11P
   IGBT Power Module
logo
Solid States Devices, I...
PM0002 SSDI-PM0002 Datasheet
83Kb / 2P
   IGBT POWER MODULE
logo
eupec GmbH
BSM50GAL120DN2 EUPEC-BSM50GAL120DN2 Datasheet
142Kb / 6P
   IGBT Power Module
BSM100GB170DN2 EUPEC-BSM100GB170DN2 Datasheet
327Kb / 10P
   IGBT Power Module
BSM50GB170DN2 EUPEC-BSM50GB170DN2 Datasheet
260Kb / 10P
   IGBT Power Module
logo
Solid States Devices, I...
PM0010 SSDI-PM0010_15 Datasheet
82Kb / 2P
   IGBT POWER MODULE
logo
eupec GmbH
BSM75GB120DN2 EUPEC-BSM75GB120DN2 Datasheet
310Kb / 10P
   IGBT Power Module
BSM150GB170DN2 EUPEC-BSM150GB170DN2 Datasheet
332Kb / 10P
   IGBT Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com