Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2378IMS-20PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2378IMS-20PBF
Description  20-Bit, 1Msps, Low Power SAR ADC with 0.5ppm INL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2378IMS-20PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2378IMS-20PBF Datasheet HTML 1Page - Linear Technology LTC2378IMS-20PBF Datasheet HTML 2Page - Linear Technology LTC2378IMS-20PBF Datasheet HTML 3Page - Linear Technology LTC2378IMS-20PBF Datasheet HTML 4Page - Linear Technology LTC2378IMS-20PBF Datasheet HTML 5Page - Linear Technology LTC2378IMS-20PBF Datasheet HTML 6Page - Linear Technology LTC2378IMS-20PBF Datasheet HTML 7Page - Linear Technology LTC2378IMS-20PBF Datasheet HTML 8Page - Linear Technology LTC2378IMS-20PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC2378-20
3
237820f
For more information www.linear.com/LTC2378-20
DynaMic accuracy
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio
fIN = 2kHz, VREF = 5V
l
101
104
dB
SNR
Signal-to-Noise Ratio
fIN = 2kHz, VREF = 5V
fIN = 2kHz, VREF = 5V, REF/DGC = GND
fIN = 2kHz, VREF = 2.5V
l
l
l
101
99
95.4
104
102
98
dB
dB
dB
THD
Total Harmonic Distortion
fIN = 2kHz, VREF = 5V
fIN = 2kHz, VREF = 5V, REF/DGC = GND
fIN = 2kHz, VREF = 2.5V
l
l
l
–125
–125
–123
–114
–114
–113
dB
dB
dB
SFDR
Spurious Free Dynamic Range
fIN = 2kHz, VREF = 5V
l
115
128
dB
–3dB Input Bandwidth
34
MHz
Aperture Delay
500
ps
Aperture Jitter
4
ps
Transient Response
Full-Scale Step
312
ns
The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and AIN = –1dBFS. (Notes 4, 8)
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Absolute Input Range (IN+)
(Note 5)
l
–0.1
VREF + 0.1
V
VIN
Absolute Input Range (IN)
(Note 5)
l
–0.1
VREF + 0.1
V
VIN+ – VIN– Input Differential Voltage Range
VIN = VIN+ – VIN
l
–VREF
+VREF
V
VCM
Common-Mode Input Range
l
VREF/2–
0.1
VREF/2
VREF/2+
0.1
V
IIN
Analog Input Leakage Current
0.01
µA
CIN
Analog Input Capacitance
Sample Mode
Hold Mode
45
5
pF
pF
CMRR
Input Common Mode Rejection Ratio
fIN = 500kHz
86
dB
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
converTer characTerisTics
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
l
20
Bits
No Missing Codes
l
20
Bits
Transition Noise
2.3
ppmRMS
INL
Integral Linearity Error
(Note 6)
REF/DGC = GND, (Note 6)
l
l
–2
–2
±0.5
±0.5
2
2
ppm
ppm
DNL
Differential Linearity Error
(Note 10)
l
–0.5
±0.2
0.5
ppm
BZE
Bipolar Zero-Scale Error
(Note 7)
l
–13
0
13
ppm
Bipolar Zero-Scale Error Drift
±7
ppb/°C
FSE
Bipolar Full-Scale Error
(Note 7)
l
–100
±10
100
ppm
Bipolar Full-Scale Error Drift
±0.05
ppm/°C
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)


Similar Part No. - LTC2378IMS-20PBF

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC2378IMS-16 LINEAR_DIMENSIONS-LTC2378IMS-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
More results

Similar Description - LTC2378IMS-20PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2378-20 LINER-LTC2378-20_15 Datasheet
975Kb / 28P
   20-Bit, 1Msps, Low Power SAR ADC with 0.5ppm INL
LTC2376-20 LINER-LTC2376-20_15 Datasheet
980Kb / 30P
   20-Bit, 250ksps, Low Power SAR ADC with 0.5ppm INL
LTC2377-20 LINER-LTC2377-20_15 Datasheet
994Kb / 30P
   20-Bit, 500ksps, Low Power SAR ADC with 0.5ppm INL
logo
Maxim Integrated Produc...
MAX11904 MAXIM-MAX11904 Datasheet
825Kb / 29P
   20-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Technology
LTC2383-16 LINER-LTC2383-16 Datasheet
1Mb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16_15 Datasheet
1Mb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Maxim Integrated Produc...
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com