Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2378-20 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2378-20
Description  20-Bit, 1Msps, Low Power SAR ADC with 0.5ppm INL
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2378-20 Datasheet(HTML) 1 Page - Linear Technology

  LTC2378-20 Datasheet HTML 1Page - Linear Technology LTC2378-20 Datasheet HTML 2Page - Linear Technology LTC2378-20 Datasheet HTML 3Page - Linear Technology LTC2378-20 Datasheet HTML 4Page - Linear Technology LTC2378-20 Datasheet HTML 5Page - Linear Technology LTC2378-20 Datasheet HTML 6Page - Linear Technology LTC2378-20 Datasheet HTML 7Page - Linear Technology LTC2378-20 Datasheet HTML 8Page - Linear Technology LTC2378-20 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC2378-20
1
237820f
For more information www.linear.com/LTC2378-20
Typical applicaTion
FeaTures
DescripTion
20-Bit, 1Msps, Low Power
SAR ADC with 0.5ppm INL
The LTC®2378-20 is a low noise, low power, high speed
20-bit successive approximation register (SAR) ADC.
Operating from a 2.5V supply, the LTC2378-20 has a
±VREF fully differential input range with VREF ranging from
2.5V to 5.1V. The LTC2378-20 consumes only 21mW and
achieves ±2ppm INL maximum, no missing codes at 20
bits with 104dB SNR.
The LTC2378-20 has a high speed SPI-compatible serial
interface that supports 1.8V, 2.5V, 3.3V and 5V logic
while also featuring a daisy-chain mode. The fast 1Msps
throughput with no cycle latency makes the LTC2378-20
ideally suited for a wide variety of high speed applications.
Aninternaloscillatorsetstheconversiontime,easingexter-
nal timing considerations. The LTC2378-20 automatically
powers down between conversions, leading to reduced
power dissipation that scales with the sampling rate.
The LTC2378-20 features a unique digital gain compres-
sion(DGC)function,whicheliminatesthedriveramplifier’s
negative supply while preserving the full resolution of the
ADC. When enabled, the ADC performs a digital scaling
function that maps zero-scale code from 0V to 0.1 • VREF
and full-scale code from VREF to 0.9 • VREF. For a typical
reference voltage of 5V, the full-scale input range is now
0.5V to 4.5V, which provides adequate headroom for
powering the driving amplifier from a single 5.5V supply.
Integral Nonlinearity vs Output Code
applicaTions
n
1Msps Throughput Rate
n
±0.5ppm INL (Typ)
n
Guaranteed 20-Bit No Missing Codes
n
Low Power: 21mW at 1Msps, 21µW at 1ksps
n
104dB SNR (Typ) at fIN = 2kHz
n
–125dB THD (Typ) at fIN = 2kHz
n
Digital Gain Compression (DGC)
n
Guaranteed Operation to 85°C
n
2.5V Supply
n
Fully Differential Input Range ±VREF
n
VREF Input Range from 2.5V to 5.1V
n
No Pipeline Delay, No Cycle Latency
n
1.8V to 5V I/O Voltages
n
SPI-Compatible Serial I/O with Daisy-Chain Mode
n
Internal Conversion Clock
n
16-Lead MSOP and 4mm
× 3mm DFN Packages
n
Medical Imaging
n
High Speed Data Acquisition
n
Portable or Compact Instrumentation
n
Industrial Process Control
n
Low Power Battery-Operated Instrumentation
n
ATE
OUTPUT CODE
0
262144
524288
786432
1048576
–2.0
0.5
1.0
1.5
0
–0.5
–1.0
–1.5
2.0
237820 TA02
10
VREF
0V
VREF
0V
10
3300pF
6800pF
6800pF
+
VREF
SAMPLE CLOCK
237820 TA01
10µF
0.1µF
2.5V
REF
1.8V TO 5V
2.5V TO 5.1V
47µF
(X7R, 1210 SIZE)
REF
GND
CHAIN
RDL/SDI
SDO
SCK
BUSY
CNV
REF/DGC
LTC2378-20
VDD
OVDD
IN+
IN
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Patents Pending. Protected by U.S. Patents, including
7705765, 7961132, 8319673.


Similar Part No. - LTC2378-20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2378-20 LINER-LTC2378-20 Datasheet
999Kb / 26P
   16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2378-20 LINER-LTC2378-20 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2378-20 LINER-LTC2378-20 Datasheet
992Kb / 26P
   16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2378-20 LINER-LTC2378-20 Datasheet
1Mb / 22P
   18-Bit, 5Msps SAR ADC
LTC2378-20 LINER-LTC2378-20 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2378-20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2378-20 LINER-LTC2378-20_15 Datasheet
975Kb / 28P
   20-Bit, 1Msps, Low Power SAR ADC with 0.5ppm INL
LTC2376-20 LINER-LTC2376-20_15 Datasheet
980Kb / 30P
   20-Bit, 250ksps, Low Power SAR ADC with 0.5ppm INL
LTC2377-20 LINER-LTC2377-20_15 Datasheet
994Kb / 30P
   20-Bit, 500ksps, Low Power SAR ADC with 0.5ppm INL
logo
Maxim Integrated Produc...
MAX11904 MAXIM-MAX11904 Datasheet
825Kb / 29P
   20-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Technology
LTC2383-16 LINER-LTC2383-16 Datasheet
1Mb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16_15 Datasheet
1Mb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Maxim Integrated Produc...
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com