Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F245 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74F245
Description  Octal Bidirectional Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F245 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74F245 Datasheet HTML 1Page - Fairchild Semiconductor 74F245 Datasheet HTML 2Page - Fairchild Semiconductor 74F245 Datasheet HTML 3Page - Fairchild Semiconductor 74F245 Datasheet HTML 4Page - Fairchild Semiconductor 74F245 Datasheet HTML 5Page - Fairchild Semiconductor 74F245 Datasheet HTML 6Page - Fairchild Semiconductor 74F245 Datasheet HTML 7Page - Fairchild Semiconductor 74F245 Datasheet HTML 8Page - Fairchild Semiconductor 74F245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
65qC to 150qC
Ambient Temperature under Bias
55qC to 125qC
Junction Temperature under Bias
55qC to 150qC
VCC Pin Potential to Ground Pin
0.5V to 7.0V
Input Voltage (Note 3)
0.5V to 7.0V
Input Current (Note 3)
30 mA to 5.0 mA
Voltage Applied to Output
in HIGH State (with VCC 0V)
Standard Output
0.5V to VCC
3-STATE Output
0.5V to 5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
qC to 70qC
Supply Voltage
4.5V to 5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
1.2
V
Min
IIN 18 mA
VOH
Output HIGH Voltage
10% VCC
2.4
VMin
IOH 3 mA (An)
10% VCC
2.0
IOH 15 mA (Bn)
5% VCC
2.7
IOH 3 mA (An)
VOL
Output LOW Voltage
10% VCC
0.5
VMin
IOL 24 mA (An)
10% VCC
0.55
IOL 64 mA (Bn)
IIH
Input HIGH Current
5.0
PAMax
VIN 2.7V
IBVI
Input HIGH Current Breakdown Test
7.0
PAMax
VIN 7.0V (OE, T/R)
IBVIT
Input HIGH Current Breakdown (I/O)
0.5
mA
Max
VIN 5.5 V (An, Bn)
ICEX
Output HIGH Leakage Current
50
PAMax
VOUT VCC (An, Bn)
VID
Input Leakage
4.75
V
0.0
IID 1.9 PA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
PA0.0
VIOD 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
1.2
mA
Max
VIN 0.5V (T/R, OE)
IIH  IOZH
Output Leakage Current
70
PAMax
VOUT 2.7V (An, Bn)
IIL  IOZL
Output Leakage Current
650
PAMax
VOUT 0.5V (An, Bn)
IOS
Output Short-Circuit Current
60
150
mA
Max
VOUT 0V (An)
100
225
VOUT 0V (Bn)
IZZ
Bus Drainage Test
500
PA0.0V
VOUT 5.25V(An, Bn)
ICCH
Power Supply Current
70
90
mA
Max
VO HIGH
ICCL
Power Supply Current
95
120
mA
Max
VO LOW
ICCZ
Power Supply Current
85
110
mA
Max
VO HIGH Z


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn