Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS5010-682MLB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS5010-682MLB
Description  LPS5010 Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS5010-682MLB Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS5010-682MLB Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
19/02/13
Designer’s Kit
Kit Contents for C407:
• LPS5010 Power Inductors
• 23 values, 3 of each
Inductance
Current Rating
Part Number
0.47µH
3.4A
LPS5010-471MLB
0.82µH
2.6A
LPS5010-821MLB
1.5µH
1.9A
LPS5010-152MLB
2.2µH
1.6A
LPS5010-222MLB
3.3µH
1.3A
LPS5010-332MLB
4.7µH
1.1A
LPS5010-472MLB
5.6µH
1A
LPS5010-562MLB
6.8µH
0.93A
LPS5010-682MLB
10µH
0.74A
LPS5010-103MLB
15µH
0.62A
LPS5010-153MLB
22µH
0.53A
LPS5010-223MLB
33µH
0.43A
LPS5010-333MLB
Part Number Table
Inductance
Current Rating
Part Number
47µH
0.36A
LPS5010-473MLB
68µH
0.3A
LPS5010-683MLB
100µH
0.24A
LPS5010-104MLB
120µH
0.23A
LPS5010-124MLB
150µH
0.21A
LPS5010-154MLB
220µH
0.17A
LPS5010-224MLB
330µH
0.14A
LPS5010-334MLB
470µH
0.11A
LPS5010-474MLB
560µH
0.1A
LPS5010-564MLB
680µH
LPS5010-684MLB
1000µH
LPS5010-105MLB


Similar Part No. - LPS5010-682MLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS5010-682ML COILCRAFT-LPS5010-682ML Datasheet
207Kb / 2P
   Shielded Power Inductors
More results

Similar Description - LPS5010-682MLB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com