Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F2243SC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F2243SC
Description  Quad Bus Transceiver with 25W Series Resistors in the Outputs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F2243SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F2243SC Datasheet HTML 1Page - Fairchild Semiconductor 74F2243SC Datasheet HTML 2Page - Fairchild Semiconductor 74F2243SC Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009530
www.fairchildsemi.com
October 1988
Revised August 1999
74F2243
Quad Bus Transceiver
with 25
Ω Series Resistors in the Outputs
General Description
The 74F2243 is a quad bus transmitter/receiver which can
be used for 4-line asynchronous 2-way data communica-
tions between data busses. It is designed to drive the
capacitive inputs of MOS memory drivers, address drivers,
clock drivers, and bus-oriented transmitters/receivers.
The 25
Ω series resistors in the outputs reduce ringing and
eliminate the need for external resistors.
Features
s 25
Ω series resistors in outputs eliminate the need for
external resistors
s 2-Way asynchronous data bus communication
s 3-STATE outputs
s 12 mA source current
s Designed to drive the capacitive inputs of MOS devices
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Truth Table
H
= HIGH Voltage Level
Z
= High Impedance
L
= LOW Voltage Level
N/A
= Not Allowed
Unit Loading/Fan Out
Order Number
Package Number
Package Description
74F2243SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
Inputs
Inputs/Outputs
E1
E2
An
Bn
LL
Input
B
= A
LH
N/A
N/A
HL
Z
Z
HH
A
= B
Input
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
E1
Enable Input (Active LOW)
1.0/1.67
20
µA/−1 mA
E2
Enable Input (Active HIGH)
1.0/1.67
20
µA/−1 mA
An, Bn
Inputs
3.5/2.67
70
µA/−1.6 mA
Outputs
750/20
−15 mA/12 mA


Similar Part No. - 74F2243SC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F224 PHILIPS-74F224 Datasheet
18Kb / 1P
   16 횞 4 Synchronous FIFO 3-State
September 7, 1990
74F2240 PHILIPS-74F2240 Datasheet
96Kb / 10P
   Octal inverter buffer with 30ohm equivalent output termination 3-State
1990 Dec 13
logo
Fairchild Semiconductor
74F2240 FAIRCHILD-74F2240 Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
74F2240QC FAIRCHILD-74F2240QC Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
74F2240SC FAIRCHILD-74F2240SC Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
More results

Similar Description - 74F2243SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST162861 FAIRCHILD-FST162861 Datasheet
82Kb / 4P
   20-Bit Bus Switch with 25W Series Resistors in Outputs
74F2645 FAIRCHILD-74F2645 Datasheet
42Kb / 5P
   Octal Bus Transceiver with 25廓 Series Resistors in the Outputs
74F2240 FAIRCHILD-74F2240 Datasheet
41Kb / 5P
   Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
logo
National Semiconductor ...
54F2640 NSC-54F2640 Datasheet
216Kb / 8P
   Octal Bus Transceiver with 25廓 Series Resistors in the Output
logo
Fairchild Semiconductor
74F243 FAIRCHILD-74F243 Datasheet
32Kb / 4P
   Quad Bus Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54F243 NSC-54F243 Datasheet
133Kb / 6P
   Quad Bus Transceiver with TRI-STATE Outputs
54F2620 NSC-54F2620 Datasheet
183Kb / 6P
   Inverting Octal Bus Transceiver with 25廓 Series Resistors in the Output
logo
Fairchild Semiconductor
FST34X2245 FAIRCHILD-FST34X2245_05 Datasheet
128Kb / 5P
   32-Bit Bus Switch with 25ohm Series Resistors in Outputs
FST34X2245 FAIRCHILD-FST34X2245 Datasheet
361Kb / 5P
   32-Bit Bus Switch with 25??Series Resistors in Outputs
FST162245 FAIRCHILD-FST162245 Datasheet
189Kb / 4P
   16-Bit Bus Switch with 25??Series Resistors in Outputs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com