Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F2240SC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F2240SC
Description  Octal Buffer/Line Driver with 25W Series Resistors in the Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F2240SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F2240SC Datasheet HTML 1Page - Fairchild Semiconductor 74F2240SC Datasheet HTML 2Page - Fairchild Semiconductor 74F2240SC Datasheet HTML 3Page - Fairchild Semiconductor 74F2240SC Datasheet HTML 4Page - Fairchild Semiconductor 74F2240SC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
January 1995
Revised May 1999
© 1999 Fairchild Semiconductor Corporation
DS010898.prf
www.fairchildsemi.com
74F2240
Octal Buffer/Line Driver
with 25
Ω Series Resistors in the Outputs
General Description
The 74F2240 is an inverting octal buffer and line driver
designed to drive capacitive inputs of MOS memory
devices, address and clock lines or act as a low under-
shoot general purpose bus driver.
The 25
Ω series resistor in the outputs reduces undershoot
and ringing and eliminates the need for external resistors.
Features
s 3-STATE outputs drive bus lines or buffer memory
address registers
s Outputs sink 12 mA and source 15 mA
s 25
Ω series resistors in outputs eliminate the need for
external resistors
s Designed to drive the capacitive inputs of MOS devices
s Guaranteed 4000V minimum ESD protection
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Truth Table
Unit Loading/Fan Out
Order Number
Package Number
Package Description
74F2240SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74F2240QC
V20A
20-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.350 Square
OE1
D1n
O1n
OE2
D2n
O2n
HX
Z
H
X
Z
LH
L
L
H
L
LL
H
L
L
H
Pin
Description
U.L.
Output
Names
HIGH/LOW
IOH/IOL
OE1, OE2 3-STATE Output
1.0/1.667
20
µA/−1 mA
Enable Input
(Active LOW)
I0 - I7
Inputs
1.0/1.667
20
µA/−1 mA
O0 - O7
Outputs
750/20
−15 mA/12 mA


Similar Part No. - 74F2240SC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F2240 PHILIPS-74F2240 Datasheet
96Kb / 10P
   Octal inverter buffer with 30ohm equivalent output termination 3-State
1990 Dec 13
More results

Similar Description - 74F2240SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT2240 FAIRCHILD-74ABT2240 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244 Datasheet
119Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2541 FAIRCHILD-74ABT2541 Datasheet
100Kb / 9P
   Octal Buffer/Line Driver with 25??Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244_07 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74FR2244 FAIRCHILD-74FR2244 Datasheet
52Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
74FR2240 FAIRCHILD-74FR2240 Datasheet
44Kb / 5P
   Octal Buffer/Line Driver with 25廓 Series Resistors in the Outputs
logo
National Semiconductor ...
54F2244DM NSC-54F2244DM Datasheet
147Kb / 8P
   Octal Buffer/Line Driver with 25X Series Resistors in Outputs
logo
Fairchild Semiconductor
74F2244 FAIRCHILD-74F2244 Datasheet
52Kb / 6P
   Octal Buffer/Line Driver with 25廓 Series Resistors in Outputs
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74LVT2240 FAIRCHILD-74LVT2240_05 Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com