Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F163APCX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74F163APCX
Description  Synchronous Presettable Binary Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F163APCX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74F163APCX Datasheet HTML 1Page - Fairchild Semiconductor 74F163APCX Datasheet HTML 2Page - Fairchild Semiconductor 74F163APCX Datasheet HTML 3Page - Fairchild Semiconductor 74F163APCX Datasheet HTML 4Page - Fairchild Semiconductor 74F163APCX Datasheet HTML 5Page - Fairchild Semiconductor 74F163APCX Datasheet HTML 6Page - Fairchild Semiconductor 74F163APCX Datasheet HTML 7Page - Fairchild Semiconductor 74F163APCX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
fMAX
Maximum Count Frequency
100
120
75
90
MHz
tPLH
Propagation Delay
3.5
5.5
7.5
3.5
9.0
3.5
8.5
ns
tPHL
CP to Qn (PE Input HIGH)
3.5
7.5
10.0
3.5
11.5
3.5
11.0
tPLH
Propagation Delay
4.0
6.0
8.5
4.0
10.0
4.0
9.5
tPHL
CP to Qn (PE Input LOW)
4.0
6.0
8.5
4.0
10.0
4.0
9.5
tPLH
Propagation Delay
5.0
10.0
14.0
5.0
16.5
5.0
15.0
ns
tPHL
CP to TC
5.0
10.0
14.0
5.0
15.5
5.0
15.0
tPLH
Propagation Delay
2.5
4.5
7.5
2.5
9.0
2.5
8.5
ns
tPHL
CET to TC
2.5
4.5
7.5
2.5
9.0
2.5
8.5
tPHL
Propagation Delay
5.5
9.0
12.0
5.5
14.0
5.5
13.0
ns
MR to Qn (74F161A)
tPHL
Propagation Delay
4.5
8.0
10.5
4.5
12.5
4.5
11.5
ns
MR to TC (74F161A)
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
5.0
5.5
5.0
ns
tS(L)
Pn to CP
5.0
5.5
5.0
tH(H)
Hold Time, HIGH or LOW
2.0
2.5
2.0
tH(L)
Pn to CP
2.0
2.5
2.0
tS(H)
Setup Time, HIGH or LOW
11.0
13.5
11.5
ns
tS(L)
PE or SR to CP
8.5
10.5
9.5
tH(H)
Hold Time, HIGH or LOW
2.0
3.6
2.0
tH(L)
PE or SR to CP
0
0
0
tS(H)
Setup Time, HIGH or LOW
11.0
13.0
11.5
ns
tS(L)
CEP or CET to CP
5.0
6.0
5.0
tH(H)
Hold Time, HIGH or LOW
0
0
0
tH(L)
CEP or CET to CP
0
0
0
tW(H)
Clock Pulse Width (Load)
5.0
5.0
5.0
ns
tW(L)
HIGH or LOW
5.0
5.0
5.0
tW(H)
Clock Pulse Width (Count)
4.0
5.0
4.0
ns
tW(L)
HIGH or LOW
6.0
8.0
7.0
tW(L)
MR Pulse Width, LOW
5.0
5.0
5.0
ns
(74F161A)
tREC
Recovery Time
6.0
6.0
6.0
ns
MR to CP (74F161A)


Similar Part No. - 74F163APCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F163APC NSC-74F163APC Datasheet
197Kb / 10P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F163APC FAIRCHILD-74F163APC Datasheet
179Kb / 11P
   Synchronous Presettable Binary Counter
More results

Similar Description - 74F163APCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com