Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W3H11A2218AT Datasheet(PDF) 3 Page - AVX Corporation

Part # W3H11A2218AT
Description  High Current Feedthry Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

W3H11A2218AT Datasheet(HTML) 3 Page - AVX Corporation

  W3H11A2218AT Datasheet HTML 1Page - AVX Corporation W3H11A2218AT Datasheet HTML 2Page - AVX Corporation W3H11A2218AT Datasheet HTML 3Page - AVX Corporation W3H11A2218AT Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7
High Current Feedthru Capacitors
W2H/W3H Series
PHYSICAL DIMENSIONS
PAD DIMENSIONS
LW
T
BW
BL
ES
EW
X
S
W2H1– 0805 MM
2.01 ± 0.20
1.25 ± 0.20
1.14 Max.
0.46 ± 0.10
0.18 + 0.25 -0.08
NA
0.25 ± 0.13
1.02 ± 0.10
0.23 ± 0.05
(in.) (0.079 ± 0.008) (0.049 ± 0.008)
(0.045 Max.)
(0.018 ±0.004)
(0.007 + 0.010 -0.003)
(0.010 ± 0.005)
(0.040 ± 0.004)
(0.009 ± 0.002)
W3H1– 0612 MM
1.60 ± 0.20
3.20 ± 0.20
1.22 Max.
2.80 ± .127
0.18 + 0.25 -0.08
0.41 ± 0.10
0.41 ± 0.10
1.60 ± 0.10
1.40 ± 0.07
(in.) (0.063 ± 0.008) (0.126 ± 0.008)
(0.048 Max.)
(0.110 ± 0.005)
(0.007 + 0.010 -0.003)
(0.016 ± 0.004)
(0.016 ± 0.004)
(0.063 ± 0.004)
(0.055 ± 0.003)
TP
S
W
L
C
X
W2H1– 0805 MM
3.45
0.51
0.76
1.27
1.02
0.46
NA
(in.)
(0.136)
(0.020)
(0.030)
(0.050)
(0.040)
(0.018)
W3H1– 0612 MM
2.54
3.05
1.12
.460
.610
.330
.710
(in.)
(0.100)
(0.120)
(0.044)
(0.018)
(0.024)
(0.013)
(0.028)
EW
W
W
S
P
P
L
S
BL
BW
T
X
L
T
C
EW
L
S
X
W
C
L
S
BL
BW
T
X
W
ES
P
T
W2H1 – 0805 Style
W3H1 – 0612 Style
PHYSICAL DIMENSIONS AND PAD LAYOUT


Similar Part No. - W3H11A2218AT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
W3H11A2218AT AVX-W3H11A2218AT Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
W3H11A2218AT AVX-W3H11A2218AT Datasheet
196Kb / 4P
   h Current Feedthru Capacitors
More results

Similar Description - W3H11A2218AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UNL4W30K-F ETC2-UNL4W30K-F Datasheet
436Kb / 4P
   ElectroFilm High Current Capacitors
logo
AVX Corporation
W2H AVX-W2H_13 Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
logo
Cornell Dubilier Electr...
UNL4W30K-F CDE-UNL4W30K-F Datasheet
436Kb / 4P
   ElectroFilm High Current Capacitors
logo
AVX Corporation
W2H13C1048AT AVX-W2H13C1048AT Datasheet
196Kb / 4P
   High Current Feedthru Capacitors
logo
Cornell Dubilier Electr...
DPFF2S12J-F CDE-DPFF2S12J-F Datasheet
133Kb / 3P
   High AC Current Polypropylene Film Capacitors
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC Datasheet
266Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 28-Oct-05
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
logo
Cornell Dubilier Electr...
935C CDE-935C Datasheet
231Kb / 5P
   High Current Capacitors for Switching Power Supplies
logo
Vishay Siliconix
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com