Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F191 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F191
Description  Up/Down Binary Counter with Preset and Ripple Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F191 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F191 Datasheet HTML 1Page - Fairchild Semiconductor 74F191 Datasheet HTML 2Page - Fairchild Semiconductor 74F191 Datasheet HTML 3Page - Fairchild Semiconductor 74F191 Datasheet HTML 4Page - Fairchild Semiconductor 74F191 Datasheet HTML 5Page - Fairchild Semiconductor 74F191 Datasheet HTML 6Page - Fairchild Semiconductor 74F191 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009495
www.fairchildsemi.com
April 1988
Revised July 1999
74F191
Up/Down Binary Counter with Preset and Ripple Clock
General Description
The 74F191 is a reversible modulo-16 binary counter fea-
turing synchronous counting and asynchronous presetting.
The preset feature allows the 74F191 to be used in pro-
grammable dividers. The Count Enable input, the Terminal
Count output and Ripple Clock output make possible a
variety of methods of implementing multistage counters. In
the counting modes, state changes are initiated by the ris-
ing edge of the clock.
Features
s High-Speed—125 MHz typical count frequency
s Synchronous counting
s Asynchronous parallel load
s Cascadable
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74F191SC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
74F191SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F191PC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Similar Part No. - 74F191

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F191 NSC-74F191 Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
NXP Semiconductors
74F191 PHILIPS-74F191 Datasheet
104Kb / 14P
   Up/down binary counter with reset and ripple clock
1995 Jul 17
logo
National Semiconductor ...
74F191 NSC-74F191 Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F191 FAIRCHILD-74F191 Datasheet
185Kb / 12P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
National Semiconductor ...
74F191DCQB NSC-74F191DCQB Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
More results

Similar Description - 74F191

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F191DM NSC-54F191DM Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
54F191 NSC-54F191 Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F191 FAIRCHILD-74F191_07 Datasheet
185Kb / 12P
   Up/Down Binary Counter with Preset and Ripple Clock
74AC191 FAIRCHILD-74AC191 Datasheet
115Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
logo
Motorola, Inc
MC74AC190 MOTOROLA-MC74AC190 Datasheet
214Kb / 8P
   Up/Down Counter with Preset and Ripple Clock
logo
National Semiconductor ...
54AC191 NSC-54AC191 Datasheet
208Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
54F190DM NSC-54F190DM Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F190 FAIRCHILD-74F190 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
NXP Semiconductors
74F191 PHILIPS-74F191 Datasheet
104Kb / 14P
   Up/down binary counter with reset and ripple clock
1995 Jul 17
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com