Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F189SJ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F189SJ
Description  64-Bit Random Access Memory with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F189SJ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F189SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F189SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F189SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F189SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F189SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F189SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Block Diagram
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
A0–A3
Address Inputs
1.0/1.0
20
µA/−0.6 mA
CS
Chip Select Input (Active LOW)
1.0/1.0
20
µA/−1.2 mA
WE
Write Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
D0–D3
Data Inputs
1.0/1.0
20
µA/−0.6 mA
O 0–O 3
Inverted Data Outputs
150/40 (33.3)
−3.0 mA/24 mA (20 mA)
Inputs
Operation
Condition of Outputs
CS
WE
L
L
Write
High Impedance
L
H
Read
Complement of Stored Data
H
X
Inhibit
High Impedance


Similar Part No. - 74F189SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F189SJ NSC-74F189SJ Datasheet
166Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
More results

Similar Description - 74F189SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F219 FAIRCHILD-74F219 Datasheet
52Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
MM74C89 FAIRCHILD-MM74C89 Datasheet
60Kb / 6P
   64-Bit 3-STATE Random Access Read/Write Memory
logo
National Semiconductor ...
54F189DL NSC-54F189DL Datasheet
166Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
54F219DL NSC-54F219DL Datasheet
164Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
logo
Fairchild Semiconductor
74LS189 FAIRCHILD-74LS189 Datasheet
159Kb / 3P
   64-BIT RANDOM ACCESS MEMORY
logo
National Semiconductor ...
MM54C89 NSC-MM54C89 Datasheet
130Kb / 6P
   64-Bit TRI-STATE Random Access Read/Write Memory
logo
Texas Instruments
SN7489 TI-SN7489 Datasheet
265Kb / 6P
[Old version datasheet]   64-BIT RANDOM-ACCESS READ/WRITE MEMORY
logo
List of Unclassifed Man...
74LS89 ETC1-74LS89 Datasheet
142Kb / 3P
   64-Bit Random Access Memory(Open Collector)
logo
Texas Instruments
MM54C200 TI1-MM54C200 Datasheet
385Kb / 8P
[Old version datasheet]   256-Bit TRI-STATE Random Access Read/Write Memory
logo
NXP Semiconductors
HEF4505B PHILIPS-HEF4505B Datasheet
96Kb / 8P
   64-bit, 1-bit per word random access read/write memory
January 1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com