Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74F190 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74F190
Description  Up/Down Decade Counter with Preset and Ripple Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F190 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F190 Datasheet HTML 1Page - Fairchild Semiconductor 74F190 Datasheet HTML 2Page - Fairchild Semiconductor 74F190 Datasheet HTML 3Page - Fairchild Semiconductor 74F190 Datasheet HTML 4Page - Fairchild Semiconductor 74F190 Datasheet HTML 5Page - Fairchild Semiconductor 74F190 Datasheet HTML 6Page - Fairchild Semiconductor 74F190 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 74F190 is a synchronous up/down BCD decade
counter containing four edge-triggered flip-flops, with inter-
nal gating and steering logic to provide individual preset,
count-up and count-down operations. It has an asynchro-
nous parallel load capability permitting the counter to be
preset to any desired number. When the Parallel Load (PL)
input is LOW, information present on the Parallel Data
inputs (P0–P3) is loaded into the counter and appears on
the Q outputs. This operation overrides the counting func-
tions, as indicated in the Mode Select Table. A HIGH signal
on the CE input inhibits counting. When CE is LOW, inter-
nal state changes are initiated synchronously by the LOW-
to-HIGH transition of the clock input. The direction of count-
ing is determined by the U/D input signal, as indicated in
the Mode Select Table, CE and U/D can be changed with
the clock in either state, provided only that the recom-
mended setup and hold times are observed.
Two types of outputs are provided as overflow/underflow
indicators. The Terminal Count (TC) output is normally
LOW and goes HIGH when a circuit reaches zero in the
count-down mode or reaches 9 in the count-up mode. The
TC output will then remain HIGH until a state change
occurs, whether by counting or presetting or until U/D is
changed. The TC output should not be used as a clock sig-
nal because it is subject to decoding spikes. The TC signal
is also used internally to enable the Ripple Clock (RC) out-
put. The RC output is normally HIGH. When CE is LOW
and TC is HIGH, the RC output will go LOW when the clock
next goes LOW and will stay LOW until the clock goes
HIGH again. This feature simplifies the design of multi-
stage counters. For a discussion and illustrations of the
various methods of implementing multistage counters,
please see the 74F191 data sheet.
RC Truth Table
Mode Select Table
*TC is generated internally
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
 = LOW-to-HIGH Clock Transition
= LOW Pulse
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
CE
Count Enable Input (Active LOW)
1.0/3.0
20
µA/−1.8 mA
CP
Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
P0–P3
Parallel Data Inputs
1.0/1.0
20
µA/−0.6 mA
PL
Asynchronous Parallel Load Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
U/D
Up/Down Count Control Input
1.0/1.0
20
µA/−0.6 mA
Q0–Q3
Flip-Flop Outputs
50/33.3
−1 mA/20 mA
RC
Ripple Clock Output (Active LOW)
50/33.3
−1 mA/20 mA
TC
Terminal Count Output (Active HIGH)
50/33.3
−1 mA/20 mA
Inputs
Output
CE
TC*
CP
RC
LH
HX
X
H
XL
X
H
Inputs
Mode
PL
CE
U/D
CP
HL
L

Count Up
HL
H

Count Down
L
X
X
X
Preset (Asyn.)
H
H
X
X
No Change (Hold)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn