Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F109 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74F109
Description  Dual JK Positive Edge-Triggered Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F109 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74F109 Datasheet HTML 1Page - Fairchild Semiconductor 74F109 Datasheet HTML 2Page - Fairchild Semiconductor 74F109 Datasheet HTML 3Page - Fairchild Semiconductor 74F109 Datasheet HTML 4Page - Fairchild Semiconductor 74F109 Datasheet HTML 5Page - Fairchild Semiconductor 74F109 Datasheet HTML 6Page - Fairchild Semiconductor 74F109 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
fMAX
Maximum Clock Frequency
100
125
90
MHz
tPLH
Propagation Delay
3.8
5.3
7.0
3.8
8.0
ns
tPHL
CPn to Qn or Qn
4.4
6.2
8.0
4.4
9.2
tPLH
Propagation Delay
3.2
5.2
7.0
3.2
8.0
ns
tPHL
CDn or SDn to
3.5
7.0
9.0
3.5
10.5
ns
Qn or Qn
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
3.0
3.0
ns
tS(L)
Jn or Kn to CPn
3.0
3.0
tH(H)
Hold Time, HIGH or LOW
1.0
1.0
tH(L)
Jn or Kn to CPn
1.0
1.0
tW(H)
CPn Pulse Width
4.0
4.0
ns
tW(L)
HIGH or LOW
5.0
5.0
tW(L)
CDn or SDn Pulse Width LOW
4.0
4.0
ns
tREC
Recovery Time
2.0
2.0
ns
CDn or SDn to CP


Similar Part No. - 74F109

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F109 PHILIPS-74F109 Datasheet
85Kb / 10P
   Positive J-K positive edge-triggered flip-flops
1990 Oct 23
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109 Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
74F109PC NSC-74F109PC Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109PC FAIRCHILD-74F109PC Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
74F109PC TI1-74F109PC Datasheet
384Kb / 12P
[Old version datasheet]   Dual JK (Note: Overbar Over the K) Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74F109

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
   Dual JK Positive Edge-triggered Flip-Flop
logo
National Semiconductor ...
54F109DM NSC-54F109DM Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC109 FAIRCHILD-74AC109_07 Datasheet
339Kb / 12P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109_00 Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109 FAIRCHILD-74AC109 Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC54F74109 MOTOROLA-MC54F74109 Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
54LS113 NSC-54LS113 Datasheet
98Kb / 6P
   Dual JK Edge-Triggered Flip-Flop
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com