Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HY80N075T Datasheet(PDF) 3 Page - HY ELECTRONIC CORP.

Part No. HY80N075T
Description  75V / 80A N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

HY80N075T Datasheet(HTML) 3 Page - HY ELECTRONIC CORP.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HY80N075T
Typical Characteristics Curves ( T
C=25℃, unless otherwise noted)
0
40
80
120
160
200
0
4
8
12
16
20
V
DS - Drain-to-Source Voltage (V)
6.5V
V
GS= 10V
6.0V
7.0V
5.5V
5.0V
4
5
6
7
8
9
10
0
20
40
60
80
100
I
D - Drain Current (A)
V
GS=10V
0
1000
2000
3000
4000
5000
6000
0
5
10
15
20
25
30
V
DS - Drain-to-Source Voltage (V)
Ciss
f = 1MHz
V
GS = 0V
Crss
Coss
0
4
8
12
16
20
5
6
7
8
9
10
V
GS - Gate-to-Source Voltage (V)
I
D =40A
Fig.1 Output Characteristric
0
2
4
6
8
10
12
0
20
40
60
80
100
Q
g - Gate Charge (nC)
V
DS=30V
I
D =40A
Fig.2 On-Resistance vs Drain Current
Fig.3 On-Resistance vs Gate to Source Voltage
Fig.5 Capacitance Characteristic
Fig.6 Gate Charge Characteristic
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (
oC)
V
GS =10 V
I
D =40A
Fig.4 On-Resistance vs Junction Temperature
REV.1, 5-May-2012
PAGE.3


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn