Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HY80N075T Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part No. HY80N075T
Description  75V / 80A N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

HY80N075T Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Min.
Typ.
Max.
Units
BVDSS
75
-
-
V
VGS(th)
2
3
4
V
RDS(ON)
-
6.1
8.0
m
W
IDSS
-
-
1
uA
IGSS
-
-
100
nA
Qg
-
92
-
Qgs
-
36.2
-
Qgd
-
21
-
td(on)
-
22.8
-
tr
-
18.2
-
td(off)
-
76
-
tf
-
58
-
Ciss
-
3950
-
Coss
-
420
-
Crss
-
220
-
Rg
-
1.3
-
W
IS
-
-
80
A
VSD
-
0.82
1.4
V
trr
-
48
-
ns
Qrr
-
122
-
uC
NOTE : Pulse Test : Pulse Width ≦ 300us, duty cycle ≦ 2%
Drain-Source On-State Resistance
Gate Resistance
HY80N075T
Electrical Characteristics ( TC=25, Unless otherwise noted )
Test Condition
Parameter
Drain-Source Breakdown Voltage
Gate Threshold Voltage
Gate-Source Charge
Turn-On Rise Time
Turn-Off Delay Time
Turn-Off Fall Time
VDS=30V,VGS=0V
f=1.0MHZ
pF
Input Capacitance
Output Capacitance
VGS=0V、IS=40A
di/dt=100A/us
VDD=30V,ID=40A
VGS=10V,RG=3.6W
Gate-Drain Charge
Dynamic
VDS=30V,ID=40A
VGS=10V
nC
ns
Static
VGS=0V、ID=250uA
VDS=VGS、ID=250uA
VGS=10V、ID=40A
VDS=60V、VGS=0V
Turn-On Delay Time
VGS=+20V、VDS=0V
Zero Gate Voltage Drain Current
Total Gate Charge
Gate Body Leakage Current
Source-Drain Diode
Reverse Transfer Capacitance
-
IS=40A、VGS=0V
Reverse Recovery Charge
Max. Diode Forwad Voltage
Diode Forward Voltage
Reverse Recovery Time
REV.1, 5-May-2012
PAGE.2


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn