Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HY80N075T Datasheet(PDF) 4 Page - HY ELECTRONIC CORP.

Part No. HY80N075T
Description  75V / 80A N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HY [HY ELECTRONIC CORP.]
Homepage  http://www.hygroup.com.tw
Logo 

HY80N075T Datasheet(HTML) 4 Page - HY ELECTRONIC CORP.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HY80N075T
Typical Characteristics Curves ( T
C=25℃, unless otherwise noted)
0
20
40
60
80
100
120
140
0
25
50
75
100
125
150
175
200
T
J - Junction Temperature (
oC)
0.01
0.1
1
10
100
1000
0.3
0.5
0.7
0.9
1.1
1.3
1.5
V
SD - Source-to-Drain Voltage (V)
T
J = 125
oC
25oC
V
GS = 0V
-55oC
Fig.7 Power Derating Curve
Fig.9 Body Diode Forward Voltage Characteristic
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100 125 150 175
T
J - Junction Temperature (
oC)
I
D = 250mA
Fig.8 Breakdown Voltage vs Junction Temperature
REV.1, 5-May-2012
PAGE.4


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn