Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR300AIRGWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # XTR300AIRGWT
Description  Industrial Analog Current/Voltage OUTPUT DRIVER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR300AIRGWT Datasheet(HTML) 1 Page - Texas Instruments

  XTR300AIRGWT Datasheet HTML 1Page - Texas Instruments XTR300AIRGWT Datasheet HTML 2Page - Texas Instruments XTR300AIRGWT Datasheet HTML 3Page - Texas Instruments XTR300AIRGWT Datasheet HTML 4Page - Texas Instruments XTR300AIRGWT Datasheet HTML 5Page - Texas Instruments XTR300AIRGWT Datasheet HTML 6Page - Texas Instruments XTR300AIRGWT Datasheet HTML 7Page - Texas Instruments XTR300AIRGWT Datasheet HTML 8Page - Texas Instruments XTR300AIRGWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
XTR300
IA
CurrentCopy
OPA
R
GAIN
RG
1
RG
2
I
COPY
C
C
I
DRV
I
IA
IA
IN+
IA
IN-
Load
DRV
IA
OUT
V
IN
SET
IMON
V-
DGND
V+
XTR300
Digital
Control
OD
M2
M1
Error
Flags
EF
CM
EF
LD
EF
OT
(Optional)
InputSignal
V
REF
R
IA
1kW
R
SET
GND1
GND3
R
OS
R
IMON
1kW
GND2
XTR300
www.ti.com
SBOS336C
– JUNE 2005 – REVISED JUNE 2011
Industrial Analog Current/Voltage
OUTPUT DRIVER
Check for Samples: XTR300
1
FEATURES
APPLICATIONS
2
USER-SELECTABLE: Voltage or Current
PLC OUTPUT PROGRAMMABLE DRIVER
Output
INDUSTRIAL CROSS-CONNECTORS
+40V SUPPLY VOLTAGE
INDUSTRIAL HIGH-VOLTAGE I/O
VOUT: ±10V (up to ±17.5V at ±20V supply)
3-WIRE-SENSOR CURRENT OR VOLTAGE
IOUT: ±20mA (linear up to ±24mA)
OUTPUT
SHORT- OR OPEN-CIRCUIT FAULT
±10V 2- AND 4-WIRE VOLTAGE OUTPUT
INDICATOR PIN
U.S. Patent Nos. 7,427,898, 7,425,848, and
NO CURRENT SHUNT REQUIRED
7,449,873
OUTPUT DISABLE FOR SINGLE INPUT MODE
Other Patents Pending
THERMAL PROTECTION
space
OVERCURRENT PROTECTION
space
SEPARATE DRIVER AND RECEIVER
DESCRIPTION
CHANNELS
The XTR300 is a complete output driver for industrial
DESIGNED FOR TESTABILITY
and process control applications. The output can be
configured as current or voltage by the digital I/V
select pin. No external shunt resistor is required. Only
external
gain-setting
resistors
and
a
loop
compensation capacitor are required.
The separate driver and receiver channels provide
flexibility. The Instrumentation Amplifier (IA) can be
used for remote voltage sense or as a high-voltage,
high-impedance measurement channel. In voltage
output mode, a copy of the output current is provided,
allowing calculation of load resistance.
The digital output selection capability, together with
the error flags and monitor pins, make remote
configuration and troubleshooting possible. Fault
conditions on the output and on the IA input as well
as over-temperature conditions are indicated by the
error flags. The monitoring pins provide continuous
feedback about load power or impedance. For
additional protection, the maximum output current is
limited and thermal protection is provided.
The XTR300 is specified over the
−40°C to +85°C
Figure 1. XTR300 Basic Diagram
industrial temperature range and for supply voltages
up to 40V.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2005–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - XTR300AIRGWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR300AIRGWT BURR-BROWN-XTR300AIRGWT Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
XTR300AIRGWTG4 BURR-BROWN-XTR300AIRGWTG4 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
More results

Similar Description - XTR300AIRGWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR300 BURR-BROWN-XTR300 Datasheet
621Kb / 27P
   Industrial Analog Current/Voltage OUTPUT DRIVER
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
Analog Devices
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
logo
Maxim Integrated Produc...
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
MAX15500 MAXIM-MAX15500_11 Datasheet
3Mb / 28P
   Industrial Analog Current/ Voltage-Output Conditioners
Rev 1; 2/11
logo
Analog Devices
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5750 AD-AD5750_09 Datasheet
713Kb / 36P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com