Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSM25U Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GSM25U
Description  25W AC-DC Single Output Medical Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GSM25U Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GSM25U Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GSM25U Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
ENVIRONMENT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note. 7)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
5V
GSM25U05
GSM25U05-P1J GSM25U07-P1J GSM25U09-P1J GSM25U12-P1J GSM25U15-P1J GSM25U18-P1J GSM25U24-P1J GSM25U48-P1J
7.5V
GSM25U07
9V
GSM25U09
12V
GSM25U12
15V
GSM25U15
18V
GSM25U18
24V
GSM25U24
48V
GSM25U48
60mVp-p
80mVp-p
80mVp-p
120mVp-p
120mVp-p
150mVp-p
180mVp-p
240mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
±5.0%
±5.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.0%
±2.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±5.0%
±5.0%
±3.0%
±3.0%
±3.0%
±2.0%
±2.0%
80 ~ 264VAC
113 ~ 370VDC
47 ~ 63Hz
81%
83%
7.88 ~ 10.13V
84%
9.45 ~ 12.6V
86%
12.6 ~ 16.2V
87%
15.75 ~ 20.25V
87%
18.9 ~ 24.3V
87%
25.2 ~ 32.4V
88%
50.4 ~ 64.8V
0.7A / 115VAC
0.35A / 230VAC
50A / 230VAC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
K hrs min. MIL-HDBK-217F(25℃)
-30 ~ +60℃ (Refer to "Derating Curve")
20% ~ 90% RH non-condensing
-40 ~ +85℃, 10 ~ 95% RH
±0.03% / ℃ (0~40℃)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
79*54*33mm (L*W*H)
Kg; 60pcs/ Kg/ CUFT
CONNECTOR
PLUG
CABLE
Standard type
ψ
ψ
for stock
ther type available by customer requested
P1J: 2.1
* 5.5
* 11mm, tuning fork type, center positive
; O
See page 2
ther type available by customer requested
; O
1
.
A
l
l
p
a
r
a
m
e
t
e
r
s
a
r
e
s
p
e
c
i
f
i
e
d
a
t
2
3
0
V
A
C
i
n
p
u
t
,
r
a
t
e
d
l
o
a
d
,
2
5
7
0
%
R
H
a
m
b
i
e
n
t
.
2
.
D
C
v
o
l
t
a
g
e
:
T
h
e
o
u
t
p
u
t
v
o
l
t
a
g
e
s
e
t
a
t
p
o
i
n
t
m
e
a
s
u
r
e
b
y
p
l
u
g
t
e
r
m
i
n
a
l
&
5
0
%
l
o
a
d
.
3
.
R
i
p
p
l
e
&
n
o
i
s
e
a
r
e
m
e
a
s
u
r
e
d
a
t
2
0
M
H
z
b
y
u
s
i
n
g
a
1
2
"
t
w
i
s
t
e
d
p
a
i
r
t
e
r
m
i
n
a
t
e
d
w
i
t
h
a
0
.
1
u
f
&
4
7
u
f
c
a
p
a
c
i
t
o
r
.
4
.
T
o
l
e
r
a
n
c
e
:
i
n
c
l
u
d
e
s
s
e
t
u
p
t
o
l
e
r
a
n
c
e
,
l
i
n
e
r
e
g
u
l
a
t
i
o
n
,
l
o
a
d
r
e
g
u
l
a
t
i
o
n
.
5
.
L
i
n
e
r
e
g
u
l
a
t
i
o
n
i
s
m
e
a
s
u
r
e
d
f
r
o
m
l
o
w
l
i
n
e
t
o
h
i
g
h
l
i
n
e
a
t
r
a
t
e
d
l
o
a
d
.
6
.
L
e
n
g
t
h
o
f
s
e
t
u
p
t
i
m
e
i
s
m
e
a
s
u
r
e
d
a
t
f
i
r
s
t
c
o
l
d
s
t
a
r
t
.
T
u
r
n
i
n
g
O
N
/
O
F
F
t
h
e
p
o
w
e
r
s
u
p
p
l
y
m
a
y
l
e
a
d
t
o
i
n
c
r
e
a
s
e
o
f
t
h
e
s
e
t
u
p
t
i
m
e
.
7
.
T
h
e
p
o
w
e
r
s
u
p
p
l
y
i
s
c
o
n
s
i
d
e
r
e
d
a
s
a
n
i
n
d
e
p
e
n
d
e
n
t
u
n
i
t
,
b
u
t
t
h
e
f
i
n
a
l
e
q
u
i
p
m
e
n
t
s
t
i
l
l
n
e
e
d
t
o
r
e
-
c
o
n
f
i
r
m
t
h
a
t
t
h
e
w
h
o
l
e
s
y
s
t
e
m
c
o
m
p
l
i
e
s
w
i
t
h
t
h
e
E
M
C
d
i
r
e
c
t
i
v
e
s
.
25W AC-DC Single Output Medical Type
G S M 2 5 U series
F
e
a
t
u
r
e
s
:
OVERLOAD
OVER VOLTAGE
105 ~ 170% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
5.25 ~ 7.5V
4A
2.93A
2.77A
2.08A
1.66A
1.38A
1.04A
0.52A
0 ~ 4A
0 ~ 2.93A
0 ~ 2.77A
0 ~ 1.66A
0 ~ 1.38A
0 ~ 1.04A
0 ~ 0.52A
20W
22W
25W
25W
0 ~ 2.08A
25W
25W
25W
25W
Protection type : Shut down o/p voltage, re-power on to recover
500ms, 30ms / 230VAC
1000ms, 30ms / 115VAC at full load
16ms / 230VAC
16ms / 115VAC at full load
SETUP, RISE TIME
Note.6
HOLD UP TIME (Typ.)
I/P-O/P:4KVAC
I/P-O/P
/ 25℃/ 70% RH
:100M Ohms / 500VDC
EMC EMISSION
File Name:GSM25U-SPEC 2013-04-25
ANSI/AAMI ES60601-1 approved
U
n
i
v
e
r
s
a
l
A
C
i
n
p
u
t
/
F
u
l
l
r
a
n
g
e
2
p
o
l
e
U
S
A
p
l
u
g
L
o
w
l
e
a
k
a
g
e
c
u
r
r
e
n
t
<
5
0
A
P
r
o
t
e
c
t
i
o
n
s
:
S
h
o
r
t
c
i
r
c
u
i
t
/
O
v
e
r
l
o
a
d
/
O
v
e
r
v
o
l
t
a
g
e
F
u
l
l
y
e
n
c
l
o
s
e
d
p
l
a
s
t
i
c
c
a
s
e
M
e
d
i
c
a
l
s
a
f
e
t
y
a
p
p
r
o
v
e
d
(
2
×
M
O
P
P
b
e
t
w
e
e
n
p
r
i
m
a
r
y
t
o
s
e
c
o
n
d
a
r
y
)
C
l
a
s
s
p
o
w
e
r
(
w
i
t
h
o
u
t
e
a
r
t
h
p
i
n
)
L
E
D
i
n
d
i
c
a
t
o
r
f
o
r
p
o
w
e
r
o
n
N
o
l
o
a
d
p
o
w
e
r
c
o
n
s
u
m
p
t
i
o
n
<
0
.
1
W
E
r
P
s
t
e
p
2
c
o
m
p
l
i
a
n
t
(
l
e
v
e
l
)
M
e
e
t
E
I
S
A
2
0
0
7
(
E
n
e
r
g
y
I
n
d
e
p
e
n
d
e
n
c
e
a
n
d
S
e
c
u
r
i
t
y
A
c
t
)
O
p
t
i
o
n
a
l
l
o
c
k
t
y
p
e
D
C
p
l
u
g
3
y
e
a
r
s
w
a
r
r
a
n
t
y
H
i
g
h
e
f
f
i
c
i
e
n
c
y
u
p
t
o
8
8
%
Compliance to FCC PART 15 class B
Touch current < 50 A/264VAC
μ
μ


Similar Part No. - GSM25U

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GSM25A SLPOWER-GSM25A Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
GSM25B SLPOWER-GSM25B Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
logo
Mean Well Enterprises C...
GSM25B MEANWELL-GSM25B Datasheet
316Kb / 2P
   25W AC-DC Single Output Medical Type
logo
SL Power Electronics
GSM25D SLPOWER-GSM25D Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
logo
Mean Well Enterprises C...
GSM25E MEANWELL-GSM25E Datasheet
93Kb / 3P
   25W AC-DC High Reliability Medical Adaptor
More results

Similar Description - GSM25U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM25B MEANWELL-GSM25B Datasheet
316Kb / 2P
   25W AC-DC Single Output Medical Type
GSM40A MEANWELL-GSM40A Datasheet
917Kb / 2P
   40W AC-DC Single Output Medical Type
GSM18U MEANWELL-GSM18U Datasheet
266Kb / 2P
   18W AC-DC Single Output Medical Type
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
   60W AC-DC Single Output Medical Type
GSM36E MEANWELL-GSM36E Datasheet
268Kb / 2P
   36W AC-DC Single Output Medical Type
GSM18B MEANWELL-GSM18B Datasheet
316Kb / 2P
   18W AC-DC Single Output Medical Type
GSM60A MEANWELL-GSM60A Datasheet
937Kb / 2P
   60WA AC-DC Single Output Medical Type
GSM40 MEANWELL-GSM40 Datasheet
248Kb / 2P
   40W AC-DC Single Output Medical Type
GSM18E MEANWELL-GSM18E Datasheet
268Kb / 2P
   18W AC-DC Single Output Medical Type
GSM36B MEANWELL-GSM36B Datasheet
316Kb / 2P
   36W AC-DC Single Output Medical Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com