Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR114U Datasheet(PDF) 3 Page - Texas Instruments

Part # XTR114U
Description  4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR114U Datasheet(HTML) 3 Page - Texas Instruments

  XTR114U Datasheet HTML 1Page - Texas Instruments XTR114U Datasheet HTML 2Page - Texas Instruments XTR114U Datasheet HTML 3Page - Texas Instruments XTR114U Datasheet HTML 4Page - Texas Instruments XTR114U Datasheet HTML 5Page - Texas Instruments XTR114U Datasheet HTML 6Page - Texas Instruments XTR114U Datasheet HTML 7Page - Texas Instruments XTR114U Datasheet HTML 8Page - Texas Instruments XTR114U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
®
XTR112, XTR114
Power Supply, V+ (referenced to IO pin) .......................................... 40V
Input Voltage, VIN, VIN (referenced to IO pin) ............................ 0V to V+
Storage Temperature Range ....................................... –55
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Output Current Limit ............................................................... Continuous
Junction Temperature ................................................................... +165
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
Top View
SO-14
PIN CONFIGURATION
+
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no responsibility for the use
of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits
described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
PACKAGE
SPECIFIED
CURRENT
DRAWING
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
SOURCES
PACKAGE
NUMBER(1)
RANGE
NUMBER(2)
MEDIA
XTR112U
2 x 250
µA
SO-14 Surface Mount
235
–40
°C to +85°C
XTR112U
Rails
"
"
"
"
"
XTR112U/2K5
Tape and Reel
XTR112UA
2 x 250
µA
SO-14 Surface Mount
235
–40
°C to +85°C
XTR112UA
Rails
"
"
"
"
"
XTR112UA/2K5
Tape and Reel
XTR114U
2 x 100
µA
SO-14 Surface Mount
235
–40
°C to +85°C
XTR114U
Rails
"
"
"
"
"
XTR114U/2K5
Tape and Reel
XTR114UA
2 x 100
µA
SO-14 Surface Mount
235
–40
°C to +85°C
XTR114UA
Rails
"
"
"
"
"
XTR114UA/2K5
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/) are
available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces of “XTR112UA/2K5” will get a single
2500-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
I
R1
V
IN
R
G
R
G
NC
I
RET
I
O
I
R2
V
IN
V
LIN
V
REG
V+
B (Base)
E (Emitter)
NC = No Connection
XTR112 and XTR114
1
2
3
4
5
6
7
14
13
12
11
10
9
8
–+


Similar Part No. - XTR114U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR114U BURR-BROWN-XTR114U Datasheet
255Kb / 16P
   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR114UA BURR-BROWN-XTR114UA Datasheet
255Kb / 16P
   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
More results

Similar Description - XTR114U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR112 BURR-BROWN-XTR112 Datasheet
255Kb / 16P
   4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com