Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR106P Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # XTR106P
Description  4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR106P Datasheet(HTML) 4 Page - Texas Instruments

  XTR106P Datasheet HTML 1Page - Texas Instruments XTR106P Datasheet HTML 2Page - Texas Instruments XTR106P Datasheet HTML 3Page - Texas Instruments XTR106P Datasheet HTML 4Page - Texas Instruments XTR106P Datasheet HTML 5Page - Texas Instruments XTR106P Datasheet HTML 6Page - Texas Instruments XTR106P Datasheet HTML 7Page - Texas Instruments XTR106P Datasheet HTML 8Page - Texas Instruments XTR106P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
XTR106
4
SBOS092A
www.ti.com
FUNCTIONAL DIAGRAM
REF
Amp
Lin
Amp
Current
Direction
Switch
Bandgap
V
REF
V
REF5
V
REF2.5
V
IN
R
G
14
13
I
RET
+
V
IN
5.1V
11
1
10
25
975
I = 100µA +
V
IN
R
G
5
4
3
2
100µA
R
LIN
V
REG
Lin
Polarity
V+
12
B
9
E
8
6
7
I
O
= 4mA + V
IN • (
)
40
R
G


Similar Part No. - XTR106P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR106P BURR-BROWN-XTR106P Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
XTR106PA BURR-BROWN-XTR106PA Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
More results

Similar Description - XTR106P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR106 BURR-BROWN-XTR106 Datasheet
272Kb / 15P
   4-20mA CURRENT TRANSMITTER with Bridge Excitation and Linearization
logo
Texas Instruments
XTR104 TI1-XTR104 Datasheet
139Kb / 12P
[Old version datasheet]   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Burr-Brown (TI)
XTR104 BURR-BROWN-XTR104 Datasheet
165Kb / 11P
   4-20mA Current Transmitter with BRIDGE EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR103 BURR-BROWN-XTR103 Datasheet
222Kb / 10P
   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
logo
Texas Instruments
XTR103 TI1-XTR103 Datasheet
171Kb / 11P
[Old version datasheet]   4-20mA Current Transmitter with RTD EXCITATION AND LINEARIZATION
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
   4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
[Old version datasheet]   4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com