Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY6N60T Datasheet(PDF) 4 Page - HY ELECTRONIC CORP.

Part # HY6N60T
Description  600V / 6.0A N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HY6N60T Datasheet(HTML) 4 Page - HY ELECTRONIC CORP.

  HY6N60T Datasheet HTML 1Page - HY ELECTRONIC CORP. HY6N60T Datasheet HTML 2Page - HY ELECTRONIC CORP. HY6N60T Datasheet HTML 3Page - HY ELECTRONIC CORP. HY6N60T Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HY6N60T / HY6N60FT
Typical Characteristics Curves ( T
C=25℃
℃, unless otherwise noted)
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (oC)
I
D = 250µA
10
100
V
GS = 0V
0.5
0.9
1.3
1.7
2.1
2.5
-50
-25
0
25
50
75
100
125
150
T
J - Junction Temperature (
oC)
V
GS =10 V
I
D =3.0A
Fig.7 On-Resistance
vs Junction Temperature
Fig.8 Breakdown Voltage
vs Junction Temperature
0.01
0.1
1
0.2
0.4
0.6
0.8
1
1.2
1.4
V
SD - Source-to-Drain Voltage (V)
T
J = 125
oC
25oC
-55oC
Fig.9 Body Diode
Forward Voltage Characteristic
REV 1.0 : AUG. 2011
PAGE. 4


Similar Part No. - HY6N60T

ManufacturerPart #DatasheetDescription
logo
HUAYI MICROELECTRONICS ...
HY6060W HUAYI-HY6060W Datasheet
881Kb / 5P
   Switching Power Supplies
logo
HY ELECTRONIC CORP.
HY60FR060EP HY-HY60FR060EP Datasheet
368Kb / 3P
   Fast Recovery Epitaxial Diode
HY60FR060EP HY-HY60FR060EP_V01 Datasheet
368Kb / 3P
   Fast Recovery Epitaxial Diode
logo
List of Unclassifed Man...
HY6116A ETC1-HY6116A Datasheet
379Kb / 11P
   2K X 8-bit CMOS SRAM
HY6116ALP ETC1-HY6116ALP Datasheet
379Kb / 11P
   2K X 8-bit CMOS SRAM
More results

Similar Description - HY6N60T

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMT06N30 FCI-FMT06N30 Datasheet
104Kb / 2P
   6.0A 30V N-Channel Enhancement-Mode MOSFET
logo
Pan Jit International I...
PJP8N60 PANJIT-PJP8N60 Datasheet
181Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP7N60 PANJIT-PJP7N60 Datasheet
224Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP10N60 PANJIT-PJP10N60 Datasheet
190Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJU1N60 PANJIT-PJU1N60 Datasheet
239Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJN1N60D PANJIT-PJN1N60D Datasheet
203Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG4N60SK3 DIODES-DMG4N60SK3 Datasheet
565Kb / 7P
   600V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN60H3D5SK3 DIODES-DMN60H3D5SK3 Datasheet
548Kb / 7P
   600V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP2N60 PANJIT-PJP2N60 Datasheet
212Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
PJP4N60 PANJIT-PJP4N60 Datasheet
225Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com