Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7323-10 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7323-10
Description  10 dB Fixed Attenuator, N Female To N Female Directional Rated To 50 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7323-10 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7323-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7323-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7323-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector 1
Type
N Female
Contact Material and Plating
Brass, Gold
Hex Size, In.
11/16
Body Material and Plating
Stainless Steel, Passivated
Connector 2
Type
N Female
Contact Material and Plating
Brass, Gold
Outer Conductor Material and Plating
Brass, Silver
Hex Size, In.
11/16
Body Material and Plating
Stainless Steel, Passivated
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
OUTPUT PORT HANDLES 5 WATTS MAX POWER
URL:
http://www.pasternack.com/10db-fixed-n-female-n-female-50-watts-attenuator-pe7323-10-p.aspx
10 dB Fixed Attenuator, N Female To N Female Directional Rated To 50 Watts Up To 18 GHz from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
10 dB Fixed Attenuator, N Female To N Female
Directional Rated To 50 Watts Up To 18 GHz
PE7323-10
PE7323-10 REV NC


Similar Part No. - PE7323-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7323-20 PASTERNACK-PE7323-20 Datasheet
350Kb / 3P
   20 dB Fixed Attenuator, N Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7323-3 PASTERNACK-PE7323-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, N Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7323-30 PASTERNACK-PE7323-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, N Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7323-40 PASTERNACK-PE7323-40 Datasheet
351Kb / 3P
   40 dB Fixed Attenuator, N Female To N Female
PE7323-50 PASTERNACK-PE7323-50 Datasheet
350Kb / 3P
   50 dB Fixed Attenuator, N Female To N Female Directional Rated To 50 Watts Up To 18 GHz
More results

Similar Description - PE7323-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7323-50 PASTERNACK-PE7323-50 Datasheet
350Kb / 3P
   50 dB Fixed Attenuator, N Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7327-10 PASTERNACK-PE7327-10 Datasheet
351Kb / 3P
   10 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7347-10 PASTERNACK-PE7347-10 Datasheet
351Kb / 3P
   10 dB Fixed Attenuator, N Female To TNC Female Directional Rated To 50 Watts Up To 18 GHz
PE7335-10 PASTERNACK-PE7335-10 Datasheet
350Kb / 3P
   10 dB Fixed Attenuator, N Female To SMA Female Directional Rated To 50 Watts Up To 18 GHz
PE7320-10 PASTERNACK-PE7320-10 Datasheet
350Kb / 3P
   10 dB Fixed Attenuator, TNC Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7325-10 PASTERNACK-PE7325-10 Datasheet
354Kb / 3P
   10 dB Fixed Attenuator, SMA Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7323-30 PASTERNACK-PE7323-30 Datasheet
350Kb / 3P
   30 dB Fixed Attenuator, N Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7323-20 PASTERNACK-PE7323-20 Datasheet
350Kb / 3P
   20 dB Fixed Attenuator, N Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7323-3 PASTERNACK-PE7323-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, N Female To N Female Directional Rated To 50 Watts Up To 18 GHz
PE7323-6 PASTERNACK-PE7323-6 Datasheet
351Kb / 3P
   6 dB Fixed Attenuator, N Female To N Female Directional Rated To 50 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com