Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY2N70T Datasheet(PDF) 3 Page - HY ELECTRONIC CORP.

Part # HY2N70T
Description  700V / 2A N-Channel Enhancement Mode MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HY2N70T Datasheet(HTML) 3 Page - HY ELECTRONIC CORP.

  HY2N70T Datasheet HTML 1Page - HY ELECTRONIC CORP. HY2N70T Datasheet HTML 2Page - HY ELECTRONIC CORP. HY2N70T Datasheet HTML 3Page - HY ELECTRONIC CORP. HY2N70T Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HY2N70T / HY2N70FT
Typical Characteristics Curves ( T
C=25℃, unless otherwise noted)
0
1
2
3
4
0
10
20
30
40
50
V
DS - Drain-to-Source Voltage (V)
6.0V
V
GS= 20V~ 8.0V
5.0V
7.0V
2
3
4
5
6
7
8
9
10
0
1
2
3
4
I
D - Drain Current (A)
V
GS = 20V
V
GS=10V
0
100
200
300
400
500
0
5
10
15
20
25
30
V
DS - Drain-to-Source Voltage (V)
Ciss
f = 1MHz
V
GS = 0V
Crss
Coss
2
4
6
8
10
12
4
5
6
7
8
9
10
V
GS - Gate-to-Source Voltage (V)
I
D =1.0A
0.1
1
10
1
2
3
4
5
6
7
8
9
V
GS - Gate-to-Source Voltage (V)
V
DS =50V
T
J = 125
oC
25oC
-55oC
Fig.1 Output Characteristric
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
Q
g - Gate Charge (nC)
I
D =2.0A
VDS=560V
VDS=350V
VDS=140V
Fig.2 Transfer Characteristric
Fig.3 On-Resistance vs Drain Current
Fig.4 On-Resistance vs Gate to Source Voltage
Fig.5 Capacitance Characteristic
Fig.6 Gate Charge Characteristic
PAGE.3
REV 1.0, 20-Sept-2012


Similar Part No. - HY2N70T

ManufacturerPart #DatasheetDescription
logo
HUAYI MICROELECTRONICS ...
HY2N7002E HUAYI-HY2N7002E Datasheet
1Mb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - HY2N70T

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HY2N70D HY-HY2N70D Datasheet
155Kb / 4P
   700V / 2A N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMJ70H600HCTI DIODES-DMJ70H600HCTI Datasheet
791Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 3 November 2022
DMJ7N70SK3 DIODES-DMJ7N70SK3_15 Datasheet
288Kb / 6P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
DMJ7N70SK3 DIODES-DMJ7N70SK3_17 Datasheet
417Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
DMJ70H601SK3 DIODES-DMJ70H601SK3 Datasheet
339Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJF2N70 PANJIT-PJF2N70 Datasheet
295Kb / 6P
   700V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMJ70H600HCT DIODES-DMJ70H600HCT Datasheet
756Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 3 November 2022
DMJ70H600HK3 DIODES-DMJ70H600HK3 Datasheet
612Kb / 7P
   700V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 4 - 3 November 2022
logo
HY ELECTRONIC CORP.
HY8N70T HY-HY8N70T Datasheet
150Kb / 4P
   700V / 8A N-Channel Enhancement Mode MOSFET
HY4N70D HY-HY4N70D Datasheet
153Kb / 4P
   700V / 4A N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com