Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4961 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4961
Description  C Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4961 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4961 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4961 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4961 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
C Female Connector Clamp/SolderAttachment For RG58, RG55, RG141, RG142, RG223, RG400 from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223,
RG400 PE4961
URL: http://www.pasternack.com/c-female-standard-rg58-rg55-rg141-rg142-rg223-rg400-connector-pe4961-p.aspx
PE4961
PE4961 REV
C Female Connector Clamp/Solder Attachment For
RG58, RG55, RG141, RG142, RG223, RG400


Similar Part No. - PE4961

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4960 PASTERNACK-PE4960 Datasheet
300Kb / 2P
   C Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4962 PASTERNACK-PE4962 Datasheet
260Kb / 2P
   C Female Connector Clamp/Solder Attachment For RG59, RG62
PE4963 PASTERNACK-PE4963 Datasheet
220Kb / 2P
   C Female Connector Clamp-Solder Attachment For RG14, RG217
PE4964 PASTERNACK-PE4964 Datasheet
283Kb / 3P
   C Female Bulkhead Connector Clamp
PE4965 PASTERNACK-PE4965 Datasheet
241Kb / 3P
   C Female Bulkhead Connector Clamp-Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .720 inch D Hole
More results

Similar Description - PE4961

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
   C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4072 PASTERNACK-PE4072 Datasheet
306Kb / 2P
   N Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4225 PASTERNACK-PE4225 Datasheet
296Kb / 2P
   MHV Female Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4058 PASTERNACK-PE4058 Datasheet
299Kb / 2P
   BNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4068 PASTERNACK-PE4068 Datasheet
300Kb / 2P
   TNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44056 PASTERNACK-PE44056 Datasheet
206Kb / 2P
   UHF Female Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4736 PASTERNACK-PE4736 Datasheet
275Kb / 3P
   RP BNC Female Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4792 PASTERNACK-PE4792 Datasheet
229Kb / 3P
   RP SMA Female Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
   UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4316 PASTERNACK-PE4316 Datasheet
306Kb / 3P
   SHV Plug Connector Clamp - Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com