Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVC32 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74ALVC32
Description  Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ALVC32 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The “Recommended Operating Conditions” table will define the condi-
tions for actual device operation.
Note 2: IO Absolute Maximum Rating must be observed, limited to 4.6V.
Note 3: Floating or unused control inputs must be held HIGH or LOW.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VI)
−0.5V to 4.6V
Output Voltage (VO) (Note 2)
−0.5V to V
CC +0.5V
DC Input Diode Current (IIK)
VI < 0V
−50 mA
DC Output Diode Current (IOK)
VO < 0V
−50 mA
DC Output Source/Sink Current
(IOH/IOL)
±50 mA
DC VCC or GND Current per
Supply Pin (ICC or GND)
±100 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Supply
Operating
1.65V to 3.6V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆t/∆V)
VIN = 0.8V to 2.0V, VCC = 3.0V
5 ns/V
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
1.65 - 1.95
0.65 x VCC
V
2.3 - 2.7
1.7
2.7 - 3.6
2.0
VIL
LOW Level Input Voltage
1.65 - 1.95
0.35 x VCC
V
2.3 - 2.7
0.7
2.7 - 3.6
0.8
VOH
HIGH Level Output Voltage
IOH = −100 µA
1.65 - 3.6
VCC - 0.2
V
IOH = −4 mA
1.65
1.2
IOH = −6 mA
2.3
2.0
IOH = −12 mA
2.3
1.7
2.7
2.2
3.0
2.4
IOH = −24 mA
3.0
2
VOL
LOW Level Output Voltage
IOL = 100 µA
1.65 - 3.6
0.2
V
IOL = 4 mA
1.65
0.45
IOL = 6 mA
2.3
0.4
IOL = 12 mA
2.3
0.7
2.7
0.4
IOL = 24 mA
3.0
0.55
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
3.6
±5.0
µA
ICC
Quiescent Supply Current
VI = VCC or GND, IO = 0
3.6
10
µA
∆I
CC
Increase in ICC per Input
VIH = VCC − 0.6V
3 - 3.6
750
µA


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn