Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74ALVC32 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74ALVC32
Description  Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ALVC32 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Capacitance
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
TABLE 1. Values for Figure 1
TABLE 2. Variable Matrix
(Input Characteristics: f
= 1MHz; t
r = tf = 2ns; Z0 =50Ω)
FIGURE 2. Waveform for Inverting and Non-inverting Functions
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
CL = 50 pF
CL = 30 pF
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
VCC = 1.8V ± 0.15V
Min
Max
Min
Max
Min
Max
Min
Max
tPHL, tPLH
Propagation Delay
1.0
2.8
2.9
1.0
3.1
1.0
4.7
ns
Symbol
Parameter
Conditions
TA = +25°C
Units
VCC
Typical
CIN
Input Capacitance
VI = 0V or VCC
3.3
4
pF
CPD
Power Dissipation Capacitance
f
= 10 MHz, C
L = 50 pF
3.3
26
pF
2.5
24
1.8
23
TEST
SWITCH
tPLH, tPHL
Open
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
1.8V
± 0.15V
Vmi
1.5V
1.5V
VCC/2
VCC/2
Vmo
1.5V
1.5V
VCC/2
VCC/2


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn