Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N35S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 4N35S
Description  GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N35S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  4N35S Datasheet HTML 1Page - Fairchild Semiconductor 4N35S Datasheet HTML 2Page - Fairchild Semiconductor 4N35S Datasheet HTML 3Page - Fairchild Semiconductor 4N35S Datasheet HTML 4Page - Fairchild Semiconductor 4N35S Datasheet HTML 5Page - Fairchild Semiconductor 4N35S Datasheet HTML 6Page - Fairchild Semiconductor 4N35S Datasheet HTML 7Page - Fairchild Semiconductor 4N35S Datasheet HTML 8Page - Fairchild Semiconductor 4N35S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
6/15/05
Page 3 of 15
© 2005 Fairchild Semiconductor Corporation
GENERAL PURPOSE 6-PIN
PHOTOTRANSISTOR OPTOCOUPLERS
4N25
4N26
4N27
4N28
4N35
4N36
4N37
H11A1
H11A2
H11A3
H11A4
H11A5
Note
* Typical values at TA = 25°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Symbol
Min
Typ*
Max
Unit
EMITTER
Input Forward Voltage
(IF = 10 mA)
VF
1.18
1.50
V
Reverse Leakage Current
(VR = 6.0 V)
IR
0.001
10
µA
DETECTOR
Collector-Emitter Breakdown Voltage
(IC = 1.0 mA, IF = 0)
BVCEO
30
100
V
Collector-Base Breakdown Voltage
(IC = 100 µA, IF = 0)
BVCBO
70
120
V
Emitter-Collector Breakdown Voltage
(IE = 100 µA, IF = 0)
BVECO
710
V
Collector-Emitter Dark Current
(VCE = 10 V, IF = 0)
ICEO
1
50
nA
Collector-Base Dark Current
(VCB = 10 V)
ICBO
20
nA
Capacitance
(VCE = 0 V, f = 1 MHz)
CCE
8pF
ISOLATION CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Min
Typ*
Max
Units
Input-Output Isolation Voltage
(Non ‘-M’, Black Package) (f = 60 Hz, t = 1 min)
VISO
5300
Vac(rms)
(‘-M’, White Package) (f = 60 Hz, t = 1 sec)
7500
Vac(pk)
Isolation Resistance
(VI-O = 500 VDC)
RISO
1011
Isolation Capacitance
(VI-O = &, f = 1 MHz)
CISO
0.5
pF
(‘-M’ White Package)
0.2
2
pF


Similar Part No. - 4N35S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N35S FAIRCHILD-4N35S Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Everlight Electronics C...
4N35S(TA)-V EVERLIGHT-4N35S(TA)-V Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
4N35S(TB)-V EVERLIGHT-4N35S(TB)-V Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
Lite-On Technology Corp...
4N35S-TA1 LITEON-4N35S-TA1 Datasheet
616Kb / 12P
   Photocoupler Product Data Sheet
logo
Everlight Electronics C...
4N35S1(TA)-V EVERLIGHT-4N35S1(TA)-V Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
More results

Similar Description - 4N35S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Rohm
4N26-M ROHM-4N26-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N27SM FAIRCHILD-4N27SM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SVM FAIRCHILD-4N35SVM Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35SR2M FAIRCHILD-4N35SR2M Datasheet
215Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
TIL117M FAIRCHILD-TIL117M_09 Datasheet
273Kb / 11P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25M FAIRCHILD-4N25M_09 Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1VM FAIRCHILD-H11A1VM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N37TVM FAIRCHILD-4N37TVM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
H11A1SM FAIRCHILD-H11A1SM Datasheet
263Kb / 9P
   General Purpose 6-Pin Phototransistor Optocouplers
4N25-M FAIRCHILD-4N25-M Datasheet
614Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com