Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM2835 Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # BCM2835
Description  Timers, Interrupt controller, GPIO, USB, PCM/12S
Download  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM2835 Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button BCM2835 Datasheet HTML 5Page - Broadcom Corporation. BCM2835 Datasheet HTML 6Page - Broadcom Corporation. BCM2835 Datasheet HTML 7Page - Broadcom Corporation. BCM2835 Datasheet HTML 8Page - Broadcom Corporation. BCM2835 Datasheet HTML 9Page - Broadcom Corporation. BCM2835 Datasheet HTML 10Page - Broadcom Corporation. BCM2835 Datasheet HTML 11Page - Broadcom Corporation. BCM2835 Datasheet HTML 12Page - Broadcom Corporation. BCM2835 Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 205 page
background image
06 February 2012 Broadcom Europe Ltd. 406 Science Park Milton Road Cambridge CB4 0WW
Page 9
© 2012 Broadcom Corporation. All rights reserved
0x7E21 50C8
AUX_SPI1_STAT_REG
SPI 2 Status
32
0x7E21 50D0
AUX_SPI1_IO_REG
SPI 2 Data
32
0x7E21 50D4
AUX_SPI1_PEEK_REG
SPI 2 Peek
16
2.1.1 AUX registers
There are two Auxiliary registers which control all three devices. One is the interrupt status
register, the second is the Auxiliary enable register. The Auxiliary IRQ status register can
help to hierarchically determine the source of an interrupt.
AUXIRQ Register (0x7E21 5000)
SYNOPSIS
The AUXIRQ register is used to check any pending interrupts which may be asserted by
the three Auxiliary sub blocks.
Bit(s)
Field Name
Description
Type
Reset
31:3
Reserved, write zero, read as don’t care
2
SPI 2 IRQ
If set the SPI 2 module has an interrupt pending.
R
0
1
SPI 1 IRQ
If set the SPI1 module has an interrupt pending.
R
0
0
Mini UART
IRQ
If set the mini UART has an interrupt pending.
R
0
AUXENB Register (0x7E21 5004)
SYNOPSIS
The AUXENB register is used to enable the three modules; UART, SPI1, SPI2.
Bit(s)
Field Name
Description
Type
Reset
31:3
Reserved, write zero, read as don’t care
2
SPI2 enable
If set the SPI 2 module is enabled.
If clear the SPI 2 module is disabled. That also
disables any SPI 2 module register access
R/W
0
1
SPI 1 enable
If set the SPI 1 module is enabled.
If clear the SPI 1 module is disabled. That also
disables any SPI 1 module register access
R/W
0
0
Mini UART
enable
If set the mini UART is enabled. The UART will
immediately start receiving data, especially if the
UART1_RX line is low.
If clear the mini UART is disabled. That also disables
any mini UART register access
R/W
0


Similar Part No. - BCM2835

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM2837 BOARDCOM-BCM2837 Datasheet
3Mb / 205P
   BCM2835 ARM Peripherals
BCM2837B0 BOARDCOM-BCM2837B0 Datasheet
3Mb / 205P
   BCM2835 ARM Peripherals
More results

Similar Description - BCM2835

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NCT5655Y NUVOTON-NCT5655Y Datasheet
836Kb / 26P
   16-bit I2C-bus and SMBus GPIO controller with interrupt
logo
Prolific Technology Inc...
PL2303TB PROLIFIC-PL2303TB Datasheet
107Kb / 1P
   USB to Serial and GPIO Bridge Controller
logo
Megawin Technology Co.,...
MG74PG1B08 MEGAWIN-MG74PG1B08 Datasheet
1Mb / 128P
   Keypad Interrupt function on all GPIO
logo
ON Semiconductor
FUSB303 ONSEMI-FUSB303 Datasheet
213Kb / 19P
   Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
logo
Megawin Technology Co.,...
MPC82E52 MEGAWIN-MPC82E52 Datasheet
2Mb / 144P
   Interrupt controller
logo
Nuvoton Technology Corp...
NCT5605Y NUVOTON-NCT5605Y Datasheet
747Kb / 20P
   SMBus GPIO Controller
W83L603G NUVOTON-W83L603G Datasheet
653Kb / 23P
   SMBus GPIO Controller
logo
Winbond
W83L603G WINBOND-W83L603G Datasheet
428Kb / 22P
   SMBus GPIO Controller
logo
Megawin Technology Co.,...
MG86FE104 MEGAWIN-MG86FE104 Datasheet
3Mb / 134P
   Interrupt controller
MG74PG1A08 MEGAWIN-MG74PG1A08 Datasheet
1Mb / 127P
   Interrupt controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com