Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74ALVC16839 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74ALVC16839
Description  Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ALVC16839 Datasheet(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms
AC Test Circuit
TABLE 1. Values for Figure
TABLE 2. Variable Matrix
(Input Characteristics: f
= 1MHz; t
r = tf = 2ns; Z0 = 50Ω)
FIGURE 1. Waveform for Inverting and
Non-Inverting Functions
FIGURE 2. 3-STATE Output High Enable and
Disable Times for Low Voltage Logic
FIGURE 3. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic
FIGURE 4. Propagation Delay, Pulse Width and
trec Waveforms
FIGURE 5. Setup Time, Hold Time and
Recovery Time for Low Voltage Logic
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VL
tPZH, tPHZ
GND
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
1.8V
± 0.15V
Vmi
1.5V
1.5V
VCC/2
VCC/2
Vmo
1.5V
1.5V
VCC/2
VCC/2
VX
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
VOL + 0.15V
VY
VOH − 0.3V
VOH − 0.3V
VOH − 0.15V
VOH − 0.15V
VL
6V
6V
VCC*2
VCC*2


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ALVC162839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16839Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16721Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16821Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16827Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16841Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162838Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162827Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
TC74VCX162827FTLOW VOLTAGE 20-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn