Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSF7N03Z Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MMSF7N03Z
Description  SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF7N03Z Datasheet(HTML) 3 Page - Motorola, Inc

  MMSF7N03Z Datasheet HTML 1Page - Motorola, Inc MMSF7N03Z Datasheet HTML 2Page - Motorola, Inc MMSF7N03Z Datasheet HTML 3Page - Motorola, Inc MMSF7N03Z Datasheet HTML 4Page - Motorola, Inc MMSF7N03Z Datasheet HTML 5Page - Motorola, Inc MMSF7N03Z Datasheet HTML 6Page - Motorola, Inc MMSF7N03Z Datasheet HTML 7Page - Motorola, Inc MMSF7N03Z Datasheet HTML 8Page - Motorola, Inc MMSF7N03Z Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMSF7N03Z
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
0
0.4
1.6
2
0
2
6
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0.08
0.1
0
Figure 3. On–Resistance versus
Gate–to–Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
1
100
Figure 5. On–Resistance Variation
with Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–to–Source Leakage Current
versus Voltage
VDS ≥ 10 V
TJ = –55°C
25
°C
100
°C
0.06
8
4
0.02
TJ = 25°C
4
8
10
2
2.6
3
3.4
3.8
0.04
02
4
8
10
10
0
5
10
15
30
3.8 V
20
25
0
0.02
0.04
6
24
8
6
10
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
6
10 V
VGS = 4.5
TJ = 25°C
TJ, JUNCTION TEMPERATURE (°C)
– 50
0
50
100
150
0
0.5
1.0
1.5
2.0
VGS = 10 V
ID = 2.5 A
125
75
25
–25
VGS = 0 V
TJ = 125°C
100
°C
1.2
10
3.5 V
2.7 V
3.1 V
4.5 V
VGS = 10 V
ID = 2.5 A
TJ = 25°C
3.3 V
2.2
1.8
0
0.01
0.03
0.05
1000
0.8


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn