Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC16501MTD Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74ALVC16501MTD
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16501MTD Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74ALVC16501MTD Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16501MTD Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16501MTD Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16501MTD Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16501MTD Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16501MTD Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16501MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Connection Diagram
Pin Descriptions
Function Table (Note 2)
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial (HIGH or LOW, inputs may not float)
Z
= High Impedance
Note 2: A-to-B data flow is shown; B-to-A flow is similar but uses OEBA,
LEBA and CLKBA. OEBA is active LOW.
Note 3: Output level before the indicated steady-state input conditions
were established.
Note 4: Output level before the indicated steady-state input conditions
were established, provided that CLKAB was HIGH before LEAB went LOW.
Pin Names
Description
OEAB
Output Enable Input for A to B Direction
(Active HIGH)
OEBA
Output Enable Input for B to A Direction
(Active LOW)
LEAB, LEBA
Latch Enable Inputs
CLKAB,
CLKBA
Clock Inputs
A1–A18
Side A Inputs or 3-STATE Outputs
B1–B18
Side B Inputs or 3-STATE Outputs
Inputs
Outputs
OEAB
LEAB
CLKAB
An
Bn
LX
X
X
Z
HH
X
L
L
HH
X
H
H
HL
LL
HL
HH
HL
H
X
B0 (Note 3)
HL
L
X
B0 (Note 4)


Similar Part No. - 74ALVC16501MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500MTD FAIRCHILD-74ALVC16500MTD Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results

Similar Description - 74ALVC16501MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16601 FAIRCHILD-74ALVC16601 Datasheet
100Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500 Datasheet
61Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501 Datasheet
60Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16601 FAIRCHILD-74VCX16601 Datasheet
59Kb / 11P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX32500 FAIRCHILD-74VCX32500 Datasheet
148Kb / 9P
   Low Voltage 36-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com