Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSF7N03HD Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MMSF7N03HD
Description  SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF7N03HD Datasheet(HTML) 1 Page - Motorola, Inc

  MMSF7N03HD Datasheet HTML 1Page - Motorola, Inc MMSF7N03HD Datasheet HTML 2Page - Motorola, Inc MMSF7N03HD Datasheet HTML 3Page - Motorola, Inc MMSF7N03HD Datasheet HTML 4Page - Motorola, Inc MMSF7N03HD Datasheet HTML 5Page - Motorola, Inc MMSF7N03HD Datasheet HTML 6Page - Motorola, Inc MMSF7N03HD Datasheet HTML 7Page - Motorola, Inc MMSF7N03HD Datasheet HTML 8Page - Motorola, Inc MMSF7N03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS Single N-Channel
Field Effect Transistors
MiniMOS
™ devices are an advanced series of power MOSFETs
which utilize Motorola’s High Cell Density HDTMOS process.
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain–to–source diode has a very low reverse recovery time.
MiniMOS devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc–dc converters, and power management in
portable and battery powered products such as computers,
printers, cellular and cordless phones. They can also be used for
low voltage motor controls in mass storage products such as disk
drives and tape drives. The avalanche energy is specified to
eliminate the guesswork in designs where inductive loads are
switched and offer additional safety margin against unexpected
voltage transients.
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Avalanche Energy Specified
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
30
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
30
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 20
Vdc
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 100°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
8.2
5.6
50
Adc
Apk
Total Power Dissipation @ TA = 25°C (1)
PD
2.5
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 30 Vdc, VGS = 5.0 Vdc, Peak IL = 15 Apk, L = 4.0 mH, RG = 25 Ω)
EAS
450
mJ
Thermal Resistance — Junction to Ambient (1)
R
θJA
50
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
DEVICE MARKING
S7N03
(1) Mounted on 2” square FR4 board (1” sq. 2 oz. Cu 0.06” thick single sided), 10 sec. max.
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMSF7N03HDR2
13
12 mm embossed tape
2500 units
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s, HDTMOS and MiniMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Order this document
by MMSF7N03HD/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
N–C
Source
Source
Gate
CASE 751–05, Style 13
SO–8
1
2
3
4
8
7
6
5
Top View
Drain
Drain
Drain
Drain
D
S
G
MMSF7N03HD
SINGLE TMOS
POWER MOSFET
8.0 AMPERES
30 VOLTS
RDS(on) = 0.028 OHM
Motorola Preferred Device
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 3


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn