Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4462 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4462
Description  TNC Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4462 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4462 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4462 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - PE4462

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4462 PASTERNACK-PE4462 Datasheet
410Kb / 3P
   TNC Female Connector Crimp/Solder Attachment
PE44620 PASTERNACK-PE44620 Datasheet
215Kb / 2P
   75 Ohm BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE44622 PASTERNACK-PE44622 Datasheet
207Kb / 2P
   75 Ohm RCA Male Connector Crimp - Solder Attachment For Mini 59, PE-B159
PE44623 PASTERNACK-PE44623 Datasheet
207Kb / 2P
   75 Ohm RCA Male Connector Crimp - Solder Attachment For 1694A
PE44624 PASTERNACK-PE44624 Datasheet
207Kb / 2P
   75 Ohm RCA Male Connector Crimp-Solder Attachment For 1505A
More results

Similar Description - PE4462

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
   RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4414 PASTERNACK-PE4414 Datasheet
258Kb / 2P
   SMA Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4438 PASTERNACK-PE4438 Datasheet
280Kb / 2P
   N Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4668 PASTERNACK-PE4668 Datasheet
226Kb / 2P
   RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4079 PASTERNACK-PE4079 Datasheet
281Kb / 3P
   BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE44085 PASTERNACK-PE44085 Datasheet
205Kb / 2P
   Mini UHF Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44192 PASTERNACK-PE44192 Datasheet
217Kb / 2P
   RT SMA Female Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4742 PASTERNACK-PE4742 Datasheet
219Kb / 2P
   RP BNC Female Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4455 PASTERNACK-PE4455 Datasheet
213Kb / 2P
   TNC Male Right Angle Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44361 PASTERNACK-PE44361 Datasheet
308Kb / 2P
   10-32 Female Connector Crimp/Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com