Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVC162601 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. 74ALVC162601
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ALVC162601 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Pin Descriptions
Function Table (Note 2)
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial (HIGH or LOW, inputs may not float)
Z
= High Impedance
Note 2: A-to-B data flow is shown; B-to-A flow is similar but uses OEBA,
LEBA, CLKBA, and CLKENBA.
Note 3:
Output level before the indicated steady-state input conditions
were established.
Note 4: Output level before the indicated steady-state input conditions
were established, provided that CLKAB was HIGH before LEAB went LOW.
Connection Diagram
Logic Diagram
Pin Names
Description
OEAB, OEBA
Output Enable Inputs
(Active LOW)
LEAB, LEBA
Latch Enable Inputs
CLKAB, CLKBA
Clock Inputs
CLKENAB, CLKENBA
Clock Enable Inputs
A1–A18
Side A Inputs
or 3-STATE Outputs
B1–B18
Side B Inputs
or 3-STATE Outputs
Inputs
Outputs
CLKENAB OEAB LEAB CLKAB
An
Bn
XH
X
X
X
Z
XL
H
X
L
L
XL
H
X
H
H
HL
L
X
X
B0 (Note 3)
HL
L
X
X
B0 (Note 3)
LL
L
LL
LL
L
HH
LL
L
L
X
B0 (Note 3)
LL
L
H
X
B0 (Note 4)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXF162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF322835Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162838Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16500Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn