Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVC162601 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 74ALVC162601
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ALVC162601 Datasheet(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Continued)
Capacitance
tPLZ, tPHZ
Output Disable Time
1.3
4.2
1.5
4.7
1.0
4.2
1.5
7.6
ns
OEBA to A
Output Disable Time
1.3
4.8
1.5
5.4
1.0
4.9
1.5
8.8
OEAB to B
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
CL = 50 pF
CL = 30 pF
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5 ± 0.2V
VCC = 1.8V ± 0.15V
Min
Max
Min
Max
Min
Max
Min
Max
tS
Setup Time
1.5
1.5
1.5
2.5
ns
tH
Hold Time
1.0
1.0
1.0
1.0
ns
tW
Pulse Width
1.5
1.5
1.5
4.0
ns
Symbol
Parameter
Conditions
TA = +25°C
Units
VCC
Typical
CIN
Input Capacitance
VI = 0V or VCC
3.3
6
pF
COUT
Output Capacitance
VI = 0V or VCC
3.3
7
pF
CPD
Power Dissipation Capacitance
Outputs Enabled f
= 10 MHz, CL = 0 pF
3.3
20
pF
2.5
20
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
CL = 50 pF
CL = 30 pF
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5 ± 0.2V
VCC = 1.8V ± 0.15V
Min
Max
Min
Max
Min
Max
Min
Max


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXF162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF322835Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162838Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16500Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn