Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVC162601 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74ALVC162601
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ALVC162601 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
IOH
High Level Output Current
1.65
−4
mA
A Outputs
2.3
−12
2.7
−12
3.0
−24
High Level Output Current
1.65
−2
B Outputs
2.3
−6
2.7
−8
3.0
−12
IOL
Low Level Output Current
1.65
4
mA
A Outputs
2.3
12
2.7
12
324
Low Level Output Current
1.65
2
B Outputs
2.3
6
2.7
8
3.0
12
II
Input Leakage Current
0
≤ VI ≤ 3.6V
1.65 - 3.6
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ VO ≤ 3.6V, VI = VIH or VIL
1.65 - 3.6
±10
µA
IOFF
Power Off Leakage Current
0V
≤ (VI, VO) ≤ 3.6V
0
10
mA
ICC
Quiescent Supply Current
VI = VCC or GND, IO = 0
3.6
40
µA
∆ICC
Increase in ICC per Input
VIH = VCC − 0.6V
2.7 - 3.6
750
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
CL = 50 pF
CL = 30 pF
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5 ± 0.2V
VCC = 1.8V ± 0.15V
Min
Max
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
250
200
200
125
MHz
tPHL, tPLH
Propagation Delay
1.3
4.3
1.5
5.1
1
4.6
1.5
9.2
ns
A to B
Propagation Delay
1.3
3.4
1.5
4.0
1
3.5
1.5
7.0
B to A
tPHL, tPLH
Propagation Delay
1.34.0
1.54.9
1.04.4
1.58.8
ns
Clock to A
Propagation Delay
1.34.9
1.56.0
1.05.5
1.59.8
Clock to B
tPHL, tPLH
Propagation Delay
1.34.0
1.54.9
1.04.4
1.58.8
ns
LEBA to A
Propagation Delay
1.34.9
1.56.3
1.05.8
1.59.8
LEAB to B
tPZL, tPZH
Output Enable Time
1.34.3
1.55.4
1.04.9
1.59.8
ns
OEBA to A
Output Enable Time
1.34.8
1.56.4
1.05.9
1.59.8
OEAB to B


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXF162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF322835Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162838Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16500Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn