Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVC162601 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 74ALVC162601
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ALVC162601 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 5)
Recommended Operating
Conditions (Note 7)
Note 5: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The “Recommended Operating Conditions” table will define the condi-
tions for actual device operation.
Note 6: IO Absolute Maximum Rating must be observed.
Note 7: Floating or unused control inputs must be held HIGH or LOW.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VI)
−0.5V to 4.6V
Output Voltage (VO) (Note 6)
−0.5V to VCC +0.5V
DC Input Diode Current (IIK)
VI < 0V
−50 mA
DC Output Diode Current (IOK)
VO < 0V
−50 mA
DC Output Source/Sink Current
(IOH/IOL)
±50 mA
DC VCC or GND Current per
Supply Pin (ICC or GND)
±100 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Supply
Operating
1.65V to 3.6V
Input Voltage
0V to VCC
Output Voltage (VO)0V to VCC
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆t/∆V)
VIN = 0.8V to 2.0V, VCC = 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
1.65 - 1.95
0.65 x VCC
V
2.3 - 2.7
1.7
2.7 - 3.6
2.0
VIL
LOW Level Input Voltage
1.65 - 1.95
0.35 x VCC
V
2.3 - 2.7
0.7
2.7 - 3.6
0.8
VOH
HIGH Level Output Voltage
IOH = −100 µA
1.65 - 3.6
VCC - 0.2
V
A Outputs
IOH = −4 mA
1.65
1.2
IOH = −6 mA
2.3
2.0
IOH = −12 mA
2.3
1.7
2.7
2.2
3.0
2.4
IOH = −24 mA
3.0
2
HIGH Level Output Voltage
IOH = −100 µA
1.65 - 3.6
VCC - 0.2
B Outputs
IOH = −2 mA
1.65
1.2
IOH = −4 mA
2.3
1.9
IOH = −6 mA
2.3
1.7
3.0
2.4
IOH = −8 mA
2.7
2
IOH = −12 mA
3.0
2
VOL
LOW Level Output Voltage
IOL = 100 µA
1.65 - 3.6
0.2
V
A Outputs
IOL = 4 mA
1.65
0.45
IOL = 6 mA
2.3
0.4
IOL = 12 mA
2.3
0.7
2.7
0.4
IOL = 24 mA
3.0
0.55
LOW Level Output Voltage
IOL = 100 µA
1.65 - 3.6
0.2
B Outputs
IOL = 2 mA
1.65
0.45
IOL = 4 mA
2.3
0.4
IOL = 6 mA
2.3
0.55
3.0
0.55
IOL = 8 mA
2.7
0.6
IOL = 12 mA
3.0
0.8


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXF162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF162835Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF322835Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162838Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16500Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn