Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVC162374 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74ALVC162374
Description  Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ALVC162374 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500688
www.fairchildsemi.com
October 2001
Revised October 2001
74ALVC162374
Low Voltage 16-Bit D-Type Flip-Flop
with 3.6V Tolerant Inputs and Outputs
and 26
Ω Series Resistors in Outputs
General Description
The ALVC162374 contains sixteen non-inverting D-type
flip-flops with 3-STATE outputs and is intended for bus ori-
ented applications. The device is byte controlled. A buff-
ered clock (CP) and output enable (OE) are common to
each byte and can be shorted together for full 16-bit opera-
tion.
The ALVC162374 is also designed with 26
Ω series resis-
tors in the outputs. This design reduces line noise in appli-
cations such as memory address drivers, clock drivers and
bus transceivers/transmitters.
The 74ALVC162374 is designed for low voltage (1.65V to
3.6V) VCC applications with I/O compatibility up to 3.6V.
The 74ALVC162374 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing low CMOS power dissipation.
Features
s 1.65V–3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s 26
Ω series resistors in outputs
s tPD (CLK to On)
3.9 ns max for 3.0V to 3.6V VCC
5.3 ns max for 2.3V to 2.7V VCC
9.6 ns max for 1.65V to 1.95V VCC
s Power-off high impedance inputs and outputs
s Supports live insertion and withdrawal (Note 1)
s Uses patented noise/EMI reduction circuitry
s Latchup conforms to JEDEC JED78
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
Note 1: To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the minimum
value of the resistor is determined by the current-sourcing capability of the
driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Order Number
Package Number
Package Descriptions
74ALVC162374T
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Pin Names
Description
OEn
Output Enable Input (Active LOW)
CPn
Clock Pulse Input
I0–I15
Inputs
O0–O15
Outputs


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX162374Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26Ω Series Resistors 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162838Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162373Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162838Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH16374LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
TC74VCX162374FTLOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn