Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ALVC162374 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74ALVC162374
Description  Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ALVC162374 Datasheet(HTML) 4 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Capacitance
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
CL = 50 pF
CL = 30 pF
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
VCC = 1.8V ± 0.15V
MinMax
MinMax
MinMax
Min
Max
fMAX
Maximum Clock Frequency
250
200
200
100
ns
tPHL, tPL
Propagation Delay
1.3
3.9
1.5
5.3
1.0
4.8
1.5
9.6
ns
Bus to Bus
tPZL, tPZH
Output Enable Time
1.3
4.4
1.5
5.9
1.0
5.4
1.5
9.8
ns
tPLZ, tPHZ
Output Disable Time
1.3
4.5
1.5
4.9
1.0
4.4
1.5
7.9
ns
tW
Pulse Width
1.5
1.5
1.5
4.0
ns
tS
Setup Time
1.5
1.5
1.5
2.5
ns
tH
Hold Time
1.0
1.0
1.0
1.0
ns
Symbol
Parameter
Conditions
TA = +25°C
Units
VCC
Typical
CIN
Input Capacitance
VI = 0V or VCC
3.3
6
pF
COUT
Output Capacitance
VI = 0V or VCC
3.3
7
pF
CPD
Power Dissipation Capacitance
Outputs Enabled f
= 10 MHz, C
L = 50 pF
3.3
20
pF
2.5
20


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCX162374Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX162374Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26Ω Series Resistors 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162838Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162373Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC162838Low Voltage 16-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCXH16374LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP 3-STATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
TC74VCX162374FTLOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn