Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3240 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN3240
Description  The FAN324x family includes dual high-current relay drivers designed to drive dual-coil polarized latching...
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3240 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN3240 Datasheet HTML 5Page - Fairchild Semiconductor FAN3240 Datasheet HTML 6Page - Fairchild Semiconductor FAN3240 Datasheet HTML 7Page - Fairchild Semiconductor FAN3240 Datasheet HTML 8Page - Fairchild Semiconductor FAN3240 Datasheet HTML 9Page - Fairchild Semiconductor FAN3240 Datasheet HTML 10Page - Fairchild Semiconductor FAN3240 Datasheet HTML 11Page - Fairchild Semiconductor FAN3240 Datasheet HTML 12Page - Fairchild Semiconductor FAN3240 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3240 • Rev. 0.1.5
9
Typical Performance Characteristics
Typical characteristics are provided at TA=25°C and VS = 40 V unless otherwise noted.
Figure 11. RDS(ON) vs. Temperature
Figure 12. Base Timer % Change vs. Temperature
Figure 13. FAN3240 Qualification Time
vs. Temperature
Figure 14. FAN3240 Max. Pulse vs. Temperature
Figure 15. FAN3241 Qualification Time
vs. Temperature
Figure 16. FAN3241 Max. Pulse vs. Temperature


Similar Part No. - FAN3240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3240 FAIRCHILD-FAN3240 Datasheet
1Mb / 19P
   Smart Dual-Coil Relay Drivers
logo
ON Semiconductor
FAN3240 ONSEMI-FAN3240 Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN3240TMX FAIRCHILD-FAN3240TMX Datasheet
1Mb / 19P
   Smart Dual-Coil Relay Drivers
logo
ON Semiconductor
FAN3240TMX ONSEMI-FAN3240TMX Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
More results

Similar Description - FAN3240

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419106-8 MACOM-2-1419106-8 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-6 MACOM-2-1393100-6 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-7 MACOM-2-1393100-7 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-3 MACOM-2-1393100-3 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-4 MACOM-2-1393100-4 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-9 MACOM-2-1393100-9 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-5 MACOM-2-1393100-5 Datasheet
154Kb / 2P
   10 Amp Dual CoiL Latching Relay
logo
Fairchild Semiconductor
FAN3241 FAIRCHILD-FAN3241 Datasheet
1Mb / 19P
   Smart Dual-Coil Relay Drivers
logo
ON Semiconductor
FAN3240 ONSEMI-FAN3240 Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com