Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPL2010 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # XPL2010
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XPL2010 Datasheet(HTML) 1 Page - Coilcraft lnc.

  XPL2010 Datasheet HTML 1Page - Coilcraft lnc. XPL2010 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
PowerInductors– XPL2010 Series
Document 646-1
Document 646-1 Revised 06/15/12
Inductance2
DCR (Ohms)3
SRF typ4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
nom
max
(MHz)
10% drop 20% drop 30% drop
20°C rise 40°C rise
XPL2010-201ML_
0.20
0.024
0.027
408
2.80
3.45
3.75
2.2
2.8
XPL2010-331ML_
0.33
0.031
0.035
309
1.90
2.75
3.05
1.9
2.6
XPL2010-501ML_
0.50
0.040
0.045
218
1.80
2.35
2.64
1.7
2.3
XPL2010-681ML_
0.68
0.057
0.063
152
1.55
1.95
2.19
1.5
2.1
XPL2010-821ML_
0.82
0.068
0.075
132
1.25
1.65
1.90
1.3
1.7
XPL2010-102ML_
1.0
0.081
0.089
117
1.20
1.60
1.80
1.1
1.6
XPL2010-152ML_
1.5
0.105
0.116
80
0.950
1.30
1.50
1.0
1.4
XPL2010-222ML_
2.2
0.156
0.173
75
0.940
1.20
1.35
0.96
1.3
XPL2010-332ML_
3.3
0.207
0.228
55
0.700
0.925
1.05
0.79
1.1
XPL2010-472ML_
4.7
0.336
0.370
40
0.580
0.750
0.845
0.74
1.0
XPL2010-682ML_
6.8
0.421
0.463
33
0.450
0.620
0.725
0.64
0.87
XPL2010-822ML_
8.2
0.457
0.503
30
0.440
0.600
0.670
0.55
0.75
XPL2010-103ML_
10
0.555
0.611
28
0.390
0.525
0.610
0.49
0.66
XPL2010-183ML_
18
1.47
1.60
31
0.500
0.560
0.590
0.32
0.43
XPL2010-223ML_
22
1.89
2.00
25
0.410
0.470
0.510
0.28
0.39
XPL2010-333ML_
33
2.59
2.85
20
0.330
0.380
0.410
0.23
0.31
XPL2010-473ML_
47
3.96
4.25
17
0.270
0.300
0.320
0.18
0.25
XPL2010-563ML_
56
4.48
4.82
15
0.240
0.280
0.300
0.17
0.24
XPL2010-683ML_
68
6.14
6.56
13
0.210
0.250
0.280
0.15
0.20
XPL2010-823ML_
82
6.45
6.90
12
0.200
0.240
0.260
0.15
0.20
XPL2010-104ML_
100
8.48
9.27
11
0.180
0.214
0.232
0.13
0.17
XPL2010-224ML_
220
19.2
21.1
7.1
0.122
0.143
0.161
0.086
0.116
Designer’s Kit C428 contains 5 each of all values
Core material Composite
Core and winding loss See www.coilcraft.com/coreloss
Weight 20 mg
Environmental RoHS compliant, halogen free
Terminations RoHS compliant tin-silver-copper (96.5/3/0.5) over tin over
nickel over silver-platinum. Other terminations available at additional cost.
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000/7
″reel; 7500/13″ reel Plastic tape: 8 mm wide,
0.23 mm thick, 4 mm pocket spacing, 1.19 mm pocket depth
PCB washing Only pure water or alcohol recommended
• Utra-miniature,magneticallyshieldedpowerinductors
• VerylowDCRandexcellentcurrenthandling.
• SoftsaturationmakesthemidealforVRM/VRDapplications.
1. When ordering, please specify
termination and packaging codes:
XPL2010-103MLC
Termination: L = RoHS compliant tin-silver-copper (96.5/3/0.5) over
tin over nickel over silver.
Special order: S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (7500 parts per
full reel).
2.Inductancetestedat100kHz,0.1Vrms,0Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A or equivalent.
5. DC current at which the inductance drops the specified amount from its
value without current.
6. Current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - XPL2010

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XPL2010 COILCRAFT-XPL2010 Datasheet
159Kb / 2P
   Shielded Power Inductors
logo
Analog Devices
XPL2010-102ML AD-XPL2010-102ML Datasheet
826Kb / 28P
   Dual 3 MHz, 800 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
993Kb / 28P
   Dual 3 MHz, 1200 mA Buck
REV. A
XPL2010-102ML AD-XPL2010-102ML Datasheet
3Mb / 40P
   Micro PMU with 1.2 A Buck Regulator
REV. 0
XPL2010-102ML AD-XPL2010-102ML Datasheet
758Kb / 28P
   Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
More results

Similar Description - XPL2010

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com