Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPC564A Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # XPC564A
Description  Evaluation system supporting Freescale MPC564xA microprocessors
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

XPC564A Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button XPC564A Datasheet HTML 4Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 5Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 6Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 7Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 8Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 9Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 10Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 11Page - Freescale Semiconductor, Inc XPC564A Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
4
xPC564A EVB User Manual
One channel with transceiver and DB9 male connector
One channel with footprint only
Four user push buttons with jumper enables and polarity selection
Four user LED’s with jumper enables
One potentiometer for analog voltage input
Pin array for accessing all I/O signals
Expansion connectors for accessing all I/O signals
Development zone with 0.1” spacing and SOIC footprint prototyping
Specifications:
Board Size 5.5” x 9.0”
12VDC Center Positive power supply with 2.5/5.5mm barrel
connector
Figure 2-1: xPC56XXMB Top Component Placement


Similar Part No. - XPC564A

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
XPC0.3DFC SENSORTECHNICS-XPC0.3DFC Datasheet
102Kb / 6P
   Precision compensated pressure sensors / mV-output
XPC0.3DH SENSORTECHNICS-XPC0.3DH Datasheet
103Kb / 6P
   Precision compensated pressure sensors / mV-output
XPC0.3DTC SENSORTECHNICS-XPC0.3DTC Datasheet
102Kb / 6P
   Precision compensated pressure sensors / mV-output
XPC0.3DTH SENSORTECHNICS-XPC0.3DTH Datasheet
103Kb / 6P
   Precision compensated pressure sensors / mV-output
XPC0.3GFSH SENSORTECHNICS-XPC0.3GFSH Datasheet
103Kb / 6P
   Precision compensated pressure sensors / mV-output
More results

Similar Description - XPC564A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
logo
Exar Corporation
XRT5794ES EXAR-XRT5794ES Datasheet
1Mb / 11P
   Evaluation System
logo
Maxim Integrated Produc...
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
   Evaluation System
Rev 1; 5/19
logo
Integrated Device Techn...
IDT6V49205A IDT-IDT6V49205A Datasheet
248Kb / 15P
   FREESCALE P10XX AND P20XX SYSTEM CLOCK
6V49205B IDT-6V49205B_17 Datasheet
558Kb / 18P
   Freescale P10XX and P20XX System Clock
logo
Maxim Integrated Produc...
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
   MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com