Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSF5P02HD Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MMSF5P02HD
Description  SINGLE TMOS POWER MOSFET 8.7 AMPERES 20 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF5P02HD Datasheet(HTML) 3 Page - Motorola, Inc

  MMSF5P02HD Datasheet HTML 1Page - Motorola, Inc MMSF5P02HD Datasheet HTML 2Page - Motorola, Inc MMSF5P02HD Datasheet HTML 3Page - Motorola, Inc MMSF5P02HD Datasheet HTML 4Page - Motorola, Inc MMSF5P02HD Datasheet HTML 5Page - Motorola, Inc MMSF5P02HD Datasheet HTML 6Page - Motorola, Inc MMSF5P02HD Datasheet HTML 7Page - Motorola, Inc MMSF5P02HD Datasheet HTML 8Page - Motorola, Inc MMSF5P02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MMSF5P02HD
3
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(Cpk
≥ 2.0)
(1) (3)
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
20
10
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 16 Vdc, VGS = 0 Vdc)
(VDS = 16 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
1.0
25
µAdc
Gate–Body Leakage Current (VGS = ± 8.0 Vdc, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS(1)
Gate Threshold Voltage
(Cpk
≥ 2.0)
(1) (3)
(VDS = VGS, ID = 0.25 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
0.7
0.9
2.6
1.4
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(Cpk
≥ 2.0)
(1) (3)
(VGS = 4.5 Vdc, ID = 6.4 Adc)
(VGS = 2.5 Vdc, ID = 5.1 Adc)
RDS(on)
22
35
30
45
m
On–State Drain Current
(VDS ≤ 5.0 V, VGS = 4.5 V)
(VDS ≤ 5.0 V, VGS = 2.5 V)
ID(on)
10
5.0
A
Forward Transconductance (VDS = 9.0 Vdc, ID = 6.4 Adc)
(1)
gFS
14
18
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
16 Vdc V
0 Vdc
Ciss
1400
1960
pF
Output Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
925
1300
Transfer Capacitance
f = 1.0 MHz)
Crss
370
520
SWITCHING CHARACTERISTICS(2)
Turn–On Delay Time
(V
6 0 Vd
I
1 0 Ad
td(on)
19
40
ns
Rise Time
(VDD = 6.0 Vdc, ID = 1.0 Adc,
VGS =4 5Vdc
tr
28
55
Turn–Off Delay Time
VGS = 4.5 Vdc,
RG = 6.0 Ω) (1)
td(off)
130
200
Fall Time
G
)( )
tf
90
150
Gate Charge
See Figure 8
(V
6 0 Vd
I
6 4 Ad
QT
27.3
38
nC
See Figure 8
(VDS = 6.0 Vdc, ID = 6.4 Adc,
Q1
3.4
( DS
, D
,
VGS = 4.5 Vdc) (1)
Q2
12
Q3
8.0
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage(1)
(IS = 2.5 Adc, VGS = 0 Vdc) (1)
(IS = 2.5 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.77
0.6
1.2
Vdc
Reverse Recovery Time
See Figure 15
(I
2 5 Ad
V
0 Vd
trr
95
180
ns
See Figure 15
(IS = 2.5 Adc, VGS = 0 Vdc,
ta
35
( S
,
GS
,
dIS/dt = 100 A/µs) (1)
tb
60
Reverse Recovery Stored Charge
QRR
0.151
µC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) Reflects typical values.
Cpk =
Max limit – Typ
3 x SIGMA
(4) Repetitive rating; pulse width limited by maximum junction temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn