Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSF5P02HD Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MMSF5P02HD
Description  SINGLE TMOS POWER MOSFET 8.7 AMPERES 20 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF5P02HD Datasheet(HTML) 2 Page - Motorola, Inc

  MMSF5P02HD Datasheet HTML 1Page - Motorola, Inc MMSF5P02HD Datasheet HTML 2Page - Motorola, Inc MMSF5P02HD Datasheet HTML 3Page - Motorola, Inc MMSF5P02HD Datasheet HTML 4Page - Motorola, Inc MMSF5P02HD Datasheet HTML 5Page - Motorola, Inc MMSF5P02HD Datasheet HTML 6Page - Motorola, Inc MMSF5P02HD Datasheet HTML 7Page - Motorola, Inc MMSF5P02HD Datasheet HTML 8Page - Motorola, Inc MMSF5P02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MMSF5P02HD
2
Motorola TMOS Power MOSFET Transistor Device Data
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Negative sign for P–Channel devices omitted for clarity
Rating
Symbol
Max
Unit
Drain–to–Source Voltage
VDSS
20
V
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
V
Gate–to–Source Voltage — Continuous
VGS
± 8.0
V
1 inch SQ.
FR–4 or G–10 PCB
10 seconds
Thermal Resistance — Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current — Continuous @ TA = 25°C
Continuous @ TA = 70°C
Pulsed Drain Current (1)
RTHJA
PD
ID
ID
IDM
50
2.5
20
8.7
7.0
43.5
°C/W
Watts
mW/
°C
A
A
A
Minimum
FR–4 or G–10 PCB
10 seconds
Thermal Resistance — Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current — Continuous @ TA = 25°C
Continuous @ TA = 70°C
Pulsed Drain Current (1)
RTHJA
PD
ID
ID
IDM
80
1.56
12.5
6.9
5.5
35
°C/W
Watts
mW/
°C
A
A
A
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 20 Vdc, VGS = 4.5 Vdc, Peak IL = 19 Apk, L = 5.5 mH, RG = 25 W)
EAS
1000
mJ
(1) Repetitive rating; pulse width limited by maximum junction temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn