Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSF5P02HD Datasheet(PDF) 10 Page - Motorola, Inc

Part # MMSF5P02HD
Description  SINGLE TMOS POWER MOSFET 8.7 AMPERES 20 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF5P02HD Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MMSF5P02HD Datasheet HTML 4Page - Motorola, Inc MMSF5P02HD Datasheet HTML 5Page - Motorola, Inc MMSF5P02HD Datasheet HTML 6Page - Motorola, Inc MMSF5P02HD Datasheet HTML 7Page - Motorola, Inc MMSF5P02HD Datasheet HTML 8Page - Motorola, Inc MMSF5P02HD Datasheet HTML 9Page - Motorola, Inc MMSF5P02HD Datasheet HTML 10Page - Motorola, Inc MMSF5P02HD Datasheet HTML 11Page - Motorola, Inc MMSF5P02HD Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MMSF5P02HD
10
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control
settings that will give the desired heat pattern. The operator
must set temperatures for several heating zones and a figure
for belt speed. Taken together, these control settings make up
a heating “profile” for that particular circuit board. On
machines controlled by a computer, the computer remembers
these profiles from one operating session to the next. Figure
16 shows a typical heating profile for use when soldering a
surface mount device to a printed circuit board. This profile will
vary among soldering systems, but it is a good starting point.
Factors that can affect the profile include the type of soldering
system in use, density and types of components on the board,
type of solder used, and the type of board or substrate material
being used. This profile shows temperature versus time. The
line on the graph shows the actual temperature that might be
experienced on the surface of a test board at or near a central
solder joint. The two profiles are based on a high density and
a low density board. The Vitronics SMD310 convection/in-
frared reflow soldering system was used to generate this
profile. The type of solder used was 62/36/2 Tin Lead Silver
with a melting point between 177 –189
°C. When this type of
furnace is used for solder reflow work, the circuit boards and
solder joints tend to heat first. The components on the board
are then heated by conduction. The circuit board, because it
has a large surface area, absorbs the thermal energy more
efficiently, then distributes this energy to the components.
Because of this effect, the main body of a component may be
up to 30 degrees cooler than the adjacent solder joints.
STEP 1
PREHEAT
ZONE 1
“RAMP”
STEP 2
VENT
“SOAK”
STEP 3
HEATING
ZONES 2 & 5
“RAMP”
STEP 4
HEATING
ZONES 3 & 6
“SOAK”
STEP 5
HEATING
ZONES 4 & 7
“SPIKE”
STEP 6
VENT
STEP 7
COOLING
200
°C
150
°C
100
°C
50
°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205
° TO 219°C
PEAK AT
SOLDER JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
100
°C
150
°C
160
°C
170
°C
140
°C
Figure 16. Typical Solder Heating Profile
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES


Similar Part No. - MMSF5P02HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSF5P02HD ONSEMI-MMSF5P02HD Datasheet
283Kb / 11P
   P-Channel Power MOSFET
August, 2006 ??Rev. 4
MMSF5P02HDR2 ONSEMI-MMSF5P02HDR2 Datasheet
283Kb / 11P
   P-Channel Power MOSFET
August, 2006 ??Rev. 4
More results

Similar Description - MMSF5P02HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSF3205 MOTOROLA-MMSF3205 Datasheet
106Kb / 6P
   SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS
MMSF5N02HD MOTOROLA-MMSF5N02HD Datasheet
293Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
MMSF2P02E MOTOROLA-MMSF2P02E Datasheet
266Kb / 8P
   SINGLE TMOS POWER MOSFET 2.5 AMPERES 20 VOLTS
MMSF10N02Z MOTOROLA-MMSF10N02Z Datasheet
184Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 20 VOLTS
MMSF3P02HD MOTOROLA-MMSF3P02HD Datasheet
302Kb / 10P
   SINGLE TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
MMSF4N01HD MOTOROLA-MMSF4N01HD Datasheet
285Kb / 10P
   TMOS MOSFET 5.8 AMPERES 20 VOLTS
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
   DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
MMDF6N02HD MOTOROLA-MMDF6N02HD Datasheet
193Kb / 10P
   DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS
MMDF7N02Z MOTOROLA-MMDF7N02Z Datasheet
190Kb / 10P
   DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
   DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com