Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


74ACTQ843SC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. 74ACTQ843SC
Description  Quiet Seriesa™ 9-Bit Transparent Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 4 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: DIP package.
Note 5: Max number of outputs defined as (n). Data inputs are driven 0V to 3V. One output @ GND.
Note 6: Max number of data inputs (n) switching. (n
− 1) inputs switching 0V to 3V. Input-under-test switching:
3V to threshold (VILD), 0V to threshold (VIHD), f = 1 MHz.
AC Electrical Characteristics
Note 7: Voltage Range 5.0 is 5.0V
±0.5V.
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs within the same packaged device.
The specification applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by
design. Not tested.
VCC
TA = +25°C
TA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.5
6.2
9.5
2.0
10.0
ns
Dn to On
tPHL
Propagation Delay
5.0
2.5
6.7
9.5
2.0
10.0
ns
Dn to On
tPLH
Propagation Delay
5.0
2.5
7.1
9.0
2.0
10.0
ns
LE to On
tPHL
Propagation Delay
5.0
2.5
6.9
9.0
2.0
10.0
ns
LE to On
tPLH
Propagation Delay
5.0
2.5
7.3
10.0
2.0
11.0
ns
PRE to On
tPHL
Propagation Delay
5.0
2.5
7.2
11.0
2.0
12.0
ns
CLR to On
tPZH
Output Enable Time
5.0
2.5
7.2
9.5
2.0
10.5
ns
OE to On
tPZL
Output Enable Time
5.0
2.5
7.5
9.5
2.0
10.5
ns
OE to On
tPHZ
Output Disable Time
5.0
1.5
5.0
8.0
1.0
8.5
ns
OE to On
tPLZ
Output Disable Time
5.0
1.5
5.1
8.0
1.0
8.5
ns
OE to On
tPHL
Propagation Delay
5.0
2.5
6.7
10.0
2.0
11.0
ns
PRE to On
tPLH
Propagation Delay
5.0
2.5
7.3
11.0
2.0
12.0
ns
CLR to On
tOSLH
Output to Output Skew (Note 8)
5.0
0.5
1.5
1.5
ns
tOSHL
Dn to On




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ACTQ841Quiet Seriesa™ 10-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACQ373Quiet Series™ Octal Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ533Quiet Series Octal Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ823Quiet Seriesa™ 9-Bit D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN74ALS9929-BIT D-TYPE TRANSPARENT READ-BACK LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74LVC16373A16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
SN74F237325-ohm OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74LVCH32373A32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
DM74LS533Octal Transparent Latch with 3-STATE Outputs 1 2 3 4 Fairchild Semiconductor
54ACTQ533Quiet Series Octal Transparent Latch with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl