Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ACTQ74 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74ACTQ74
Description  Quiet Series Dual D-Type Positive Edge-Triggered Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74ACTQ74 Datasheet(HTML) 1 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 1999 Fairchild Semiconductor Corporation
DS010920
www.fairchildsemi.com
March 1993
Revised November 1999
74ACTQ74
Quiet Series Dual D-Type
Positive Edge-Triggered Flip-Flop
General Description
The 74ACTQ74 is a dual D-type flip-flop with Asynchro-
nous Clear and Set inputs and complementary (Q, Q) out-
puts. Information at the input is transferred to the outputs
on the positive edge of the clock pulse. Clock triggering
occurs at a voltage level of the clock pulse and is not
directly related to the transition time of the positive-going
pulse. After the Clock Pulse input threshold voltage has
been passed, the Data input is locked out and information
present will not be transferred to the outputs until the next
rising edge of the Clock Pulse input.
The ACTQ74 utilizes Fairchild Quiet Series technology to
guarantee quiet output switching and improved dynamic
threshold performance. FACT Quiet Series
 features
GTO
 output control and undershoot corrector in addition
to a split ground bus for superior performance.
Asynchronous Inputs:
LOW input to SD (Set) sets Q to HIGH level
LOW input to CD (Clear) sets Q to LOW level
Clear and Set are independent of clock
Simultaneous LOW on CD and SD makes
both Q and Q HIGH
Features
s ICC reduced by 50%
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Guaranteed pin-to-pin skew AC performance
s Improved latch-up immunity
s 4 kV minimum ESD immunity
s TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering form.
Connection Diagram
Pin Descriptions
FACT
, FACT Quiet Series and GTO are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ74SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
74ACTQ74SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ74PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
D1, D2
Data Inputs
CP1, CP2
Clock Pulse Inputs
CD1, CD2
Direct Clear Inputs
SD1, SD2
Direct Set Inputs
Q1, Q1, Q2, Q2
Outputs


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn