Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7203-10 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7203-10
Description  10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7203-10 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7203-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7203-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7203-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Size
Length, in [mm]
4.9 [124.46]
Width, in [mm]
3.8 [96.52]
Height, in [mm]
2.7 [68.58]
.
Weight, lbs [Kg]
3 [1.36]
Connector 1
Type
7/16 DIN Male
Contact Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Silver
Body Material and Plating
Brass, Silver
Connector 2
Type
7/16 DIN Female
Contact Material and Plating
Brass, Silver
Body Material and Plating
Brass, Silver
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/10db-fixed-7-16-male-7-16-female-100-watts-attenuator-pe7203-10-p.aspx
10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz from Pasternack
EnterpriseshassamedayshipmentfordomesticandInternationalorders.OurRF,microwaveandfiberopticproductsmaintain
a 99% availability and are part of the broadest selection in the industry.
10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN
Female Directional Rated To 100 Watts Up To 6 GHz
PE7203-10
PE7203-10 REV NC


Similar Part No. - PE7203-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7203-20 PASTERNACK-PE7203-20 Datasheet
382Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PE7203-3 PASTERNACK-PE7203-3 Datasheet
382Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PE7203-30 PASTERNACK-PE7203-30 Datasheet
382Kb / 3P
   30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PE7203-40 PASTERNACK-PE7203-40 Datasheet
383Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PE7203-50 PASTERNACK-PE7203-50 Datasheet
383Kb / 3P
   50 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
More results

Similar Description - PE7203-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7201-10 PASTERNACK-PE7201-10 Datasheet
382Kb / 3P
   10 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz
PE7201-6 PASTERNACK-PE7201-6 Datasheet
382Kb / 3P
   6 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz
PE7203-6 PASTERNACK-PE7203-6 Datasheet
382Kb / 3P
   6 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PE7204-10 PASTERNACK-PE7204-10 Datasheet
382Kb / 3P
   10 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PE7204-6 PASTERNACK-PE7204-6 Datasheet
382Kb / 3P
   6 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PE7201-20 PASTERNACK-PE7201-20 Datasheet
382Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz
PE7203-20 PASTERNACK-PE7203-20 Datasheet
382Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PE7201-30 PASTERNACK-PE7201-30 Datasheet
383Kb / 3P
   30 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Rated To 100 Watts Up To 6 GHz
PE7203-50 PASTERNACK-PE7203-50 Datasheet
383Kb / 3P
   50 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
PE7203-3 PASTERNACK-PE7203-3 Datasheet
382Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com